Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5PS2G43AFR Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # H5PS2G43AFR
Description  2Gb DDR2 SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS2G43AFR Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button H5PS2G43AFR Datasheet HTML 17Page - Hynix Semiconductor H5PS2G43AFR Datasheet HTML 18Page - Hynix Semiconductor H5PS2G43AFR Datasheet HTML 19Page - Hynix Semiconductor H5PS2G43AFR Datasheet HTML 20Page - Hynix Semiconductor H5PS2G43AFR Datasheet HTML 21Page - Hynix Semiconductor H5PS2G43AFR Datasheet HTML 22Page - Hynix Semiconductor H5PS2G43AFR Datasheet HTML 23Page - Hynix Semiconductor H5PS2G43AFR Datasheet HTML 24Page - Hynix Semiconductor H5PS2G43AFR Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Rev. 0.1 / November 2008
21
H5PS2G43AFR
H5PS2G83AFR
4. Electrical Characteristics & AC Timing Specification
(TOPER; VDDQ = 1.8 +/- 0.1V; VDD = 1.8 +/- 0.1V)
Refresh Parameters by Device Density
Note:
1: If refresh timing is violated, data corruption may occur and the data must be re-written with valid data before a valid READ can be
executed.
2. This is an optional feature. For detailed information, please refer to “operating temperature condition” in this data sheet.
DDR2 SDRAM speed bins and tRCD, tRP and tRC for corresponding bin
Note:
1. 8 bank device Precharge All Allowance: tRP for a Precharge All command for an 8 Bank device will equal to tRP+1*tCK, where tRP
are the values for a single bank Precharge, which are shown in the table above.
2. Refer to Specific Notes 32.
3. Refer to Specific Notes 3.
Parameter
Symbol
256Mb 512Mb 1Gb
2Gb
4Gb Units Notes
Refresh to Active/Refresh
command time
tRFC
75
105
127.5
195
327.5
ns
1
Average periodic
refresh interval
tREFI
0 ℃≤ TCASE ≤ 85℃
7.8
7.8
7.8
7.8
7.8
us
1
85℃< TCASE ≤ 95℃
3.9
3.9
3.9
3.9
3.9
us
1,2
Speed
DDR2-800
DDR2-667
Units
Notes
Parameter
min
min
min
min
Bin(CL-tRCD-tRP)
5-5-5
6-6-6
4-4-4
5-5-5
CAS Latency
5645
tCK
tRCD
12.5
15
12
15
ns
2
tRP*1
12.5
15
12
15
ns
2
tRAS
45
45
45
45
ns
2,3
tRC
57.5
60
57
60
ns
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com