Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM-4021 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-4021
Description  8-channel Universal Analog Input Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-4021 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-4021 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Remote DA&C Modules
www.advantech.com/products
Online Download
Last Updated: Jul-14-04
All product specifications are subject to change without notice.
Last Updated: Jul-14-04
All product specifications are subject to change without notice.
8-channel Universal Analog Input Module
Analog Output Module
Serial Based Dual Loop PID Controller
Specifications
Analog Output
§
Effective Resolution
16-bit
§
Channels
8 differential channels
for individual input type
§
Input Type
thermocouple, mV, V,
mA
§
Input Range
±100 mV, ±500 mV, ±1
V, ±2.5 V, ±5 V, ±10 V,
±20 mA
§
T/C Type and Temperature Range
J
0
~
760° C
K
0
~
1370° C
T
-100
~
400° C
E
0
~
1000° C
R
500
~
1750° C
S
500
~
1750° C
B
500
~
1800° C
§
Isolation Voltage
3000 VDC
§
Fault and Overvoltage Resists overvoltage up
Protection
to ±35 V
§
Input Impedance
20 M
Ω
§
Bandwidth
13.1 Hz @ 50 Hz,
15.72 Hz @ 60 Hz
§
Accuracy
±0.1% of voltage input
§
Zero Drift
±30 mV/° C
§
Span Drift
±25 ppm/° C
§
CMR @ 50/60 Hz
92 dB min.
Built-in Watchdog Timer
Power
§
Power Requirements
Unregulated
+10 ~ +30 VDC
§
Power Consumption
1.2 W @ 24 VDC
Specifications
Analog Output
§
Effective Resolution
12-bit
§
Output Type
mA, V
§
Output Range
0 to 20 mA, 4 to 20 mA,
and 0 to 10 V
§
Isolation Voltage
3000 VDC
§
Output Impedance
0.5 W
§
Accuracy
±0.1% of FSR for
current output
±0.2% of FSR for
voltage output
§
Readback Accuracy
±1% of FSR
§
Resolution
±0.015% of FSR
§
Zero Drift
Voltage output: ±30
mV/° C
current output: ±0.2
mA/° C
§
Span Temperature Coefficient
±25 ppm/° C
§
Programmable
0.125 ~ 128 mA/sec.
Output Slope
0.0625 ~ 64.0 V/sec.
§
Current Load Resistor 0 to 500 W (source)
Built-in Watchdog Timer
Power
§
Power Requirement
Unregulated
|+10 ~ +30 VDC
§
Power Consumption
1.4 W @ 24 VDC
ADAM-4022T
ADAM-4019
ADAM-4021
ADAM-4022T
ADAM-4019
ADAM-4021
NEW
Ordering Information
§
ADAM-4022T
Serial Based Dual Loop PID
Controller
Ordering Information
§
ADAM-4021
Analog Output Module – V or
mA
Ordering Information
§
ADAM-4019
8-channel Universal Analog
Input w/Modbus
Specifications
Analog Input
§
Channels
4
§
Input Type
mA, V, Thermistor, RTD
§
Input Range
0 to 20 mA, 4 to 20 mA,
0 to 10 V
§
Thermistor Type and Temperature Ranges
Thermistor 3K:
0 ~ 100° C
Thermistor 10K:
0 ~ 100° C
§
RTD Type and Temperature Ranges
Pt 100 RTD
Pt -100 ~ 100° C
Pt 0 ~ 100° C
Pt 0 ~ 200° C
Pt 0 ~ 600° C
IEC RTD 100 ohms (a = 0.00385)
JIS RTD 100 ohms (a = 0.00392)
Pt 1000 RTD
Pt -40 ~ 160° C
Analog Output
§
Channels
2
§
Output Type
mA,V
§
Output Range
0 to 20 mA, 4 to 20 mA,
0 to 10 V
Digital Input
§
Channels
2
§
Dry Contact
Logic level 0-close to
GND
Logic level 1-open
Digital Output
§
Channels
2
Open Collector to 30 V,
100 mA max. load
Surge Protection
3,000 V
DC
(Power)
Built-in Watchdog Timer
§
Power Requirements
Unregulated 10 ~ 30 V
DC
§
Power Consumption
4 W @ 24 V
DC


Similar Part No. - ADAM-4021

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4021 ADVANTECH-ADAM-4021 Datasheet
709Kb / 1P
1-ch Analog Output Module
ADAM-4021 ADVANTECH-ADAM-4021 Datasheet
295Kb / 1P
1-ch Analog Output Module
27-Jun-2018
ADAM-4021 ADVANTECH-ADAM-4021 Datasheet
383Kb / 1P
1-ch Analog Output Module with Modbus
28-Nov-2022
ADAM-4021-F ADVANTECH-ADAM-4021-F Datasheet
383Kb / 1P
1-ch Analog Output Module with Modbus
28-Nov-2022
ADAM-4021 ADVANTECH-ADAM-4021_V01 Datasheet
295Kb / 1P
1-ch Analog Output Module
27-Jun-2018
More results

Similar Description - ADAM-4021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADAM4017 ETC1-ADAM4017 Datasheet
70Kb / 1P
8 Channel Analog Input Module
logo
Advantech Co., Ltd.
MIC-2718 ADVANTECH-MIC-2718 Datasheet
178Kb / 1P
16-Channel Analog Input Module
ADAM-4017+ ADVANTECH-ADAM-4017+ Datasheet
702Kb / 1P
8-ch Analog Input Module with Modbus
logo
National Instruments Co...
NI9219 NI-NI9219 Datasheet
212Kb / 9P
24-Bit Universal Analog Input
logo
Advantech Co., Ltd.
ADAM-4016 ADVANTECH-ADAM-4016 Datasheet
286Kb / 1P
1-ch Analog Input/Output Module, 8-ch Analog Input Module
logo
WAGO Kontakttechnik Gmb...
750-458 WAGO-750-458 Datasheet
542Kb / 11P
8-channel analog input; Thermocouple; Adjustable
750-498 WAGO-750-498 Datasheet
494Kb / 10P
8-channel analog input; Thermocouple; Adjustable
logo
Schneider Electric
BMXART0814 SCHNEIDER-BMXART0814 Datasheet
217Kb / 6P
analog input module X80 - 8 inputs - temperature
Apr 18, 2022
logo
NHP Electrical Engineer...
1762SC-IF8U NHP-1762SC-IF8U Datasheet
585Kb / 1P
Spectrum Controls MicroLogix Module 8 Universal Analog Input (V/C/TC/RTD/тДж)
11 October 2022,
5094-IY8 NHP-5094-IY8 Datasheet
422Kb / 1P
FLEX 5000 UNIVERSAL ANALOG 8 INPUT
8 June 2023,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com