Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM-4021 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-4021
Description  1-ch Analog Output Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-4021 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-4021 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
1-ch Analog Output Module
2-ch Serial Based Dual Loop PID Controller
with Modbus
4-ch Analog Output Module with Modbus
Specifications
General
Connectors
2 x plug-in terminal
blocks (#14 ~ 22 AWG)
Power Consumption 1.4 W @ 24 VDC
Watchdog Timer
System (1.6 second)
Supported Protocols ASCII command
Analog Output
Channels
1
Output Impedance
0.5
Ω
Output Range
0 ~ 20 mA, 4 ~ 20 mA,
0 ~ 10 V
Output Type
mA, V
Accuracy
±0.1% of FSR for current
output
±0.2% of FSR for voltage
output
Current Load
0 to 500
Ω (source)
Resistor
Resolution
12-bit
Isolation Voltage
3,000 VDC
Programmable
0.125 ~ 128 mA/sec.
Output Slope
0.0625 ~ 64.0 V/sec.
Readback Accuracy ±1% of FSR
Span Temperature
±25 ppm/° C
Coefficient
Zero Drift
Voltage output:
±30 μV/° C
current output:
±0.2 μA/° C
ADAM-4022T
ADAM-4021
ADAM-4022T
ADAM-4024
ADAM-4021
Specifications
General
Connectors
2 x plug-in terminal
blocks (#14 ~ 28 AWG)
Power Consumption 4 W @ 24 VDC
Watchdog Timer
System (1.6 second)
Supported Protocols ASCII command and
Modbus/RTU
Analog Input
Channels
4
Input Type
mA, V, Thermistor, RTD
Input Range
0 ~ 20 mA, 4 ~ 20 mA,
0 ~ 10 V
Thermistor Type and Temperature Ranges
Thermistor 3 K:
0 ~ 100° C
Thermistor 10 K:
0 ~ 100° C
RTD Type and Temperature Ranges
Pt 100 RTD
Pt 0 ~ 100° C
Pt -100 ~ 100° C
Pt 0 ~ 600° C
Pt 0 ~ 200° C
IEC RTD 100 ohms (a = 0.00385)
JIS RTD 100 ohms (a = 0.00392)
Pt 1000 RTD
Pt -40 ~ 160° C
Resolution
16-bit
Sampling Rate
10 sample/second
Isolation Voltage
3,000 VDC
Analog Output
Channels
2
Output Range
0 ~ 20 mA, 4 ~ 20 mA,
0 ~ 10 V
Output Type
mA, V
Resolution
12-bit
Isolation Voltage
3,000 VDC
Digital Input
Channels
2
Dry Contact
Logic level 0-close to GND
Logic level 1-open
Digital Output
Channels
2
Open Collector to 30 V,
30 mA max. load
Power Dissipation
300 mW
Common Specifications
General
Power Input
Unregulated 10 ~ 30 VDC
Environment
Humidity
5 ~ 95% RH
Operating
- 10 ~ 70° C
Temperature
(14 ~ 158° F)
Storage Temperature - 25 ~ 85°C
(-13 ~ 185° F)
Ordering Information
ADAM-4021
1-ch Analog Output
Module
ADAM-4022T
2-ch Serial Dual Based
Loop PID Controller w/
Modbus
ADAM-4024
4-ch Analog Output
Module with Modbus
Specifications
General
Connectors
2 x plug-in terminal blocks
(#14 ~ 28 AWG)
Power Consumption 3 W @ 24 VDC
Watchdog Timer
System (1.6 second) &
Communication
Supported Protocols ASCII command and
Modbus/RTU
Analog Output
Channels
4
Output Impedance
0.5
Ω
Output Range
0 ~ 20 mA, 4 ~ 20mA, ±10
V
Output Type
mA, V
Accuracy
±0.1 % of FSR for current
output
±0.1 % of FSR for voltage
output
Current Load Resistor
0 to 500
Ω
(source)
Resolution
12-bit
Isolation Voltage
3,000 VDC
Programmable Output
0.125 ~ 128
mA/sec.
Slope
0.0625 ~ 64.0
V/sec.
Span Temperature
±25 ppm/° C
Coefficient
Zero Drift
Voltage output: ±30 μV/° C
Current output: ±0.2 μA/° C
Digital Input
Channels
4
Input Level
Logic level 0: +1V max
Logic level 1: 10 ~ 30 VDC
Isolation Voltage
3,000 VDC
ADAM-4024
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - ADAM-4021

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4021 ADVANTECH-ADAM-4021 Datasheet
121Kb / 1P
8-channel Universal Analog Input Module
ADAM-4021 ADVANTECH-ADAM-4021 Datasheet
295Kb / 1P
1-ch Analog Output Module
27-Jun-2018
ADAM-4021 ADVANTECH-ADAM-4021 Datasheet
383Kb / 1P
1-ch Analog Output Module with Modbus
28-Nov-2022
ADAM-4021-F ADVANTECH-ADAM-4021-F Datasheet
383Kb / 1P
1-ch Analog Output Module with Modbus
28-Nov-2022
ADAM-4021 ADVANTECH-ADAM-4021_V01 Datasheet
295Kb / 1P
1-ch Analog Output Module
27-Jun-2018
More results

Similar Description - ADAM-4021

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-5024 ADVANTECH-ADAM-5024 Datasheet
637Kb / 1P
4-ch Analog Output Module
logo
List of Unclassifed Man...
HSL-AO4-U ETC2-HSL-AO4-U Datasheet
168Kb / 1P
4-CH Analog Output Module
PCI-6202 ETC2-PCI-6202 Datasheet
308Kb / 2P
4-CH 16-Bit 1 MS/s Analog Output & 32-CH Isolation DIO Card
logo
Advantech Co., Ltd.
ADAM-5024 ADVANTECH-ADAM-5024_14 Datasheet
257Kb / 1P
4-ch Analog Output Module
ADAM-6224 ADVANTECH-ADAM-6224_14 Datasheet
1Mb / 2P
4-ch Isolated Analog Output Modbus TCP Module
ADAM-3617-AE ADVANTECH-ADAM-3617-AE Datasheet
289Kb / 1P
4-ch Analog Input Module
logo
Contec Co., Ltd
CPS-AO-1604LI CONTEC-CPS-AO-1604LI Datasheet
426Kb / 2P
Analog Output Module
CPSN-AO-1602LC CONTEC-CPSN-AO-1602LC Datasheet
430Kb / 4P
Analog Output Module
logo
Advantech Co., Ltd.
ADAM-4016 ADVANTECH-ADAM-4016 Datasheet
286Kb / 1P
1-ch Analog Input/Output Module, 8-ch Analog Input Module
ADAM-4021 ADVANTECH-ADAM-4021_V01 Datasheet
295Kb / 1P
1-ch Analog Output Module
27-Jun-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com