Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SX1107 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-SX1107
Description  Photomicrosensor (Transmissive)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX1107 Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-SX1107 Datasheet HTML 1Page - Omron Electronics LLC EE-SX1107 Datasheet HTML 2Page - Omron Electronics LLC EE-SX1107 Datasheet HTML 3Page - Omron Electronics LLC EE-SX1107 Datasheet HTML 4Page - Omron Electronics LLC EE-SX1107 Datasheet HTML 5Page - Omron Electronics LLC EE-SX1107 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Photomicrosensor (Transmissive)
EE-SX1107
■ Engineering Data
Forward Current vs. Collector
Dissipation Temperature Rating
Forward Current vs. Forward
Voltage Characteristics (Typical)
Light Current vs. Forward Current
Characteristics (Typical)
Light Current vs. Collector
−Emitter
Voltage Characteristics (Typical)
Relative Light Current vs. Ambient
Temperature Characteristics (Typical)
Dark Current vs. Ambient Tem-
perature Characteristics (Typical)
Response Time vs. Load Resistance
Characteristics (Typical)
Distance d (mm)
Input
Output
Input
Output
90 %
10 %
Sensing Position Characteristics
(Typical)
Response Time Measurement
Circuit
Distance d (mm)
Sensing Position Character-
istics (Typical)
VCE =2 V
VCE = 10 V
Ambient temperature Ta (
°C)
Forward voltage VF (V)
Forward current IF (mA)
Collector
−Emitter voltage VCE (V)
Ambient temperature Ta (
°C)
Load resistance RL (k
Ω)
Ta = 25
°C
VCE = 5 V
IF = 10 mA
IF = 5 mA
Ta = 25
°C
IF = 5 mA
VCE = 5 V
IF = 5 mA
VCE = 5 V
VCC = 5 V
Ta = 25
°C
Ambient temperature Ta (
°C)
IF = 5 mA
VCE = 5 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com