Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APAX-5002 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # APAX-5002
Description  24-ch Digital Input Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

APAX-5002 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  APAX-5002 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Specifications
General
ƒ
Dimensions (W x H x D) 30 x 139 x 100 mm
ƒ
Weight
160 g
ƒ
Power Consumption
2 W @ 24 VDC (typical)
ƒ
Status Display
LED per channel
On: Logic level 1
Off: Logic level 0
Digital Input
ƒ
Channels
24
ƒ
Points per Common
12
ƒ
Type
Sink (Wet Contact)
ƒ
Input Voltage
Rated Value: 24 VDC
For "0" signal: -3 ~ 5 VDC
For "1" signal: 15 ~ 30 VDC
ƒ
Input Impedance
10 k
Ω
ƒ
Input Delay
From logic level 0 to 1: 0.2 ms
From logic level 1 to 0: 0.2 ms
ƒ
Operating Frequency
3 kHz
ƒ
Input Filter
3 ms
Protection
ƒ
Isolation Between
2,500 VDC
Channels and Backplane
ƒ
Over Voltage Protection ±70 VDC
Environment
ƒ
Operating Temperature -10 ~ 60° C (when mounted vertically)
ƒ
Storage Temperature
-40 ~ 70° C
ƒ
Relative Humidity
5 ~ 95% (non-condensing)
Ordering Information
ƒ
APAX-5040
24-ch Digital Input Module
ƒ
APAX-5001
1-slot Backplane Module
ƒ
APAX-5002
2-slot Backplane Module
ƒ
APAX-5343E
Power Supply for APAX Expansion Module
APAX-5040
APAX-5040
APAX-5045
24-ch Digital Input Module
24-ch Digital Input/Output Module
NEW
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
Specifications
General
ƒ
Dimensions (W x H x D) 30 x 139 x 100 mm
ƒ
Weight
165 g
ƒ
Power Consumption
2.5 W @ 24 VDC (typical)
ƒ
Status Display
LED per channel
On: Logic level 1
Off: Logic level 0
Digital Input
ƒ
Channels
12
ƒ
Points per Common
12
ƒ
Type
Sink (Wet Contact)
ƒ
Input Voltage
Rated Value: 24 VDC
For "0" signal: -3 ~ 5 VDC
For "1" signal: 15 ~ 30 VDC
ƒ
Input Impedance
10 K
Ω
ƒ
Input Delay
From Logic level 0 to 1: 0.2 ms
From Logic level 1 to 0: 0.2 ms
ƒ
Operating Frequency
3 kHz
ƒ
Input Filter
3 ms
Digital Output
ƒ
Channels
12 (Sink)
ƒ
Output Voltage Range 8 ~ 35 VDC
ƒ
Normal Output Current 0.5 A (per channel)
Protection
ƒ
Isolation between
2,500 VDC
Channels and Backplane
ƒ
Over Voltage Protection ±70 VDC (for DI channel)
ƒ
Short Circuit Protection (For DO channel)
ƒ
Thermal Shutdown Protection (For DO channel)
Environment
ƒ
Operating Temperature -10 ~ 60° C (mounted vertically)
ƒ
Storage Temperature
-40 ~ 70° C
ƒ
Relative Humidity
5 ~ 95% (non-condensing)
Ordering Information
ƒ
APAX-5045
24-ch Digital Input/Output Module
ƒ
APAX-5001
1-slot Backplane Module
ƒ
APAX-5002
2-slot Backplane Module
ƒ
APAX-5343E
Power Supply for APAX Expansion Module
NEW
APAX-5045


Similar Part No. - APAX-5002

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
APAX-5002 ADVANTECH-APAX-5002 Datasheet
338Kb / 1P
8-ch RTD Module
APAX-5002 ADVANTECH-APAX-5002 Datasheet
301Kb / 1P
12-ch High Speed Analog Input Module
APAX-5002 ADVANTECH-APAX-5002 Datasheet
614Kb / 1P
24-ch Digital Output Module
APAX-5002 ADVANTECH-APAX-5002 Datasheet
614Kb / 1P
Power Supply for APAX-5570 Series
APAX-5002 ADVANTECH-APAX-5002 Datasheet
188Kb / 1P
PC-based Controller with XScale CPU
More results

Similar Description - APAX-5002

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4053 ADVANTECH-ADAM-4053 Datasheet
706Kb / 1P
16-ch Digital Input Module
ADAM-5052 ADVANTECH-ADAM-5052 Datasheet
624Kb / 1P
8-ch Isolated Digital Input Module
ADAM-6060 ADVANTECH-ADAM-6060 Datasheet
632Kb / 1P
6-ch Digital Input and 6-ch Relay Module
APAX-5046 ADVANTECH-APAX-5046 Datasheet
614Kb / 1P
24-ch Digital Output Module
ADAM-3656 ADVANTECH-ADAM-3656 Datasheet
322Kb / 1P
8-ch Digital Input Module
ADAM-3651 ADVANTECH-ADAM-3651 Datasheet
192Kb / 1P
8-ch Digital Input Module
APAX-5040 ADVANTECH-APAX-5040_V01 Datasheet
277Kb / 1P
24-ch Digital Input Module
27-Jun-2018
AMAX-5051 ADVANTECH-AMAX-5051 Datasheet
475Kb / 1P
8-ch Digital Input Module
3-Mar-2020
AMAX-5052 ADVANTECH-AMAX-5052 Datasheet
481Kb / 1P
16-ch Digital Input Module
3-Mar-2020
APAX-5046 ADVANTECH-APAX-5046_V01 Datasheet
317Kb / 1P
24-ch Digital Output Module
27-Jun-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com