Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6DR-4100 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A6DR-4100
Description  DIP Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6DR-4100 Datasheet(HTML) 2 Page - Omron Electronics LLC

  A6DR-4100 Datasheet HTML 1Page - Omron Electronics LLC A6DR-4100 Datasheet HTML 2Page - Omron Electronics LLC A6DR-4100 Datasheet HTML 3Page - Omron Electronics LLC A6DR-4100 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
292
DIP Switch
A6D/A6DR
Dimensions
Note: 1. All units are in millimeters unless otherwise indicated.
2. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
6.6±0.1
1
3.4±0.1
8±0.4
4.4±0.2
A
ON
ON
ON
0.25
7.62±0.2
93°±3°
1.2
0.5
2.54±0.1
2.54±0.1
0.25
7.62±0.2
0.8
93°±3°
Flat Actuator
Raised Actuator
■ Flat Actuator
A6D-
@100
■ Raised Actuator
A6D-
@103
No. of
poles
Model
Dimension
A
±0.2
Flat Actuator
Raised Actuator
2
A6D-2100
A6D-2103
7.1
4
A6D-4100
A6D-4103
12.2
6
A6D-6100
A6D-6103
17.3
8
A6D-8100
A6D-8103
22.4
10
A6D-0100
A6D-0103
27.4
1.2
0.5
1±0.1
1.3±0.1
8.9±0.2
1.85±0.2
A
7.62±0.2
7.4±0.2
6.4±0.2
11±0.4
2.54±0.1
0.25
93°±3°
20°
■ Piano type
A6DR-
@100
No. of
poles
Model
Dimension
A
±0.2
2
A6DR-2100
7.1
4
A6DR-4100
12.2
6
A6DR-6100
17.3
8
A6DR-8100
22.4
10
A6DR-0100
27.4
Internal connections
(Top View)
ON
12
9 10
Mounting Holes
(Top View)
(Single-sided PCB, t=1.2 to 1.6)
P: Pole numbers
2.54×(P-1)
7.62±0.1
0.8 dia. (min.) holes *
* 0.9 dia. for automatic insertion.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com