Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3SL Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # B3SL
Description  Middle Stroke Tactile Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3SL Datasheet(HTML) 1 Page - Omron Electronics LLC

  B3SL Datasheet HTML 1Page - Omron Electronics LLC B3SL Datasheet HTML 2Page - Omron Electronics LLC B3SL Datasheet HTML 3Page - Omron Electronics LLC B3SL Datasheet HTML 4Page - Omron Electronics LLC B3SL Datasheet HTML 5Page - Omron Electronics LLC B3SL Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Middle Stroke Tactile Switch
B3SL
251
Middle Stroke Tactile Switch
B3SL
Surface-mount Sealed Tactile Switch with
Mid-length Pretravel and Crisp Clicking
Action.
•90
°C Maximum operating Temperature
• Sealed construction conforming to IP67 (IEC 60529)
provides high contact reliability in dusty environments.
• Crisp click feeling and middle stroke with rubber plunger.
• Two heights available, 3.4 mm and 5.1 mm
• Tape packing is available
• RoHS Compliant
Ordering Information
Note: Order in multiples of the quantities given. Switches are not sold individually.
Specifications
■ Characteristics
Note: Data shown are of initial value
■ Operating Characteristics
Type
Plunger
Height
Operating force (OF)
Embossed tape
Model
Quantity per reel
6 x 6 mm
B3SL Series
(Flat type)
3.4 mm
1.96 N (200 gf)
B3SL-1002P
2,000
(Flat type)
5.1 mm
B3SL-1022P
1,400
Contact form
SPST-NO
Switching capacity
1 to 50 mA at 5 to 12 VDC (resistive load)
Contact resistance
100 m
Ω max. (rated: 1 mA at 5 VDC)
Insulation resistance
100 M
Ω min. (at 250 VDC)
Dielectric strength
250 VAC, 50/60 Hz for 1 min.
Bounce time
5 ms max.
Vibration resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 (approx. 100 G) max.
Ambient operating temperature
−25 to 90°C (at 60% RH max.) with no icing or condensation
Ambient operating humidity
35% to 85% (at 5 to 35
°C)
Service Life
100,000 operations min.
Characteristics
B3SL-1002P
B3SL-1022P
Operating force (OF)
200
± 50 gf (1.96 ± 0.49 N)
Release force (RF) min.
35 gf (0.35 N)
Pretravel (PT)
0.3
± 0.2 mm
0.5
± 0.2 mm


Similar Part No. - B3SL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3SL-1002P OMRON-B3SL-1002P Datasheet
375Kb / 3P
Middle-stroke Tactile Switch (SMT)
B3SL-1002P OMRON-B3SL-1002P Datasheet
375Kb / 3P
Middle-stroke Tactile Switch (SMT)
B3SL-1005P OMRON-B3SL-1005P Datasheet
375Kb / 3P
Middle-stroke Tactile Switch (SMT)
B3SL-1005P OMRON-B3SL-1005P Datasheet
375Kb / 3P
Middle-stroke Tactile Switch (SMT)
B3SL-1022P OMRON-B3SL-1022P Datasheet
375Kb / 3P
Middle-stroke Tactile Switch (SMT)
More results

Similar Description - B3SL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
Tactile Switch
B3AL OMRON-B3AL Datasheet
326Kb / 4P
Long Stroke Tactile Switch
B3AL1000P OMRON-B3AL1000P Datasheet
285Kb / 3P
Long-stroke Tactile Switch (SMT)
B3SL1005P OMRON-B3SL1005P Datasheet
375Kb / 3P
Middle-stroke Tactile Switch (SMT)
B3SL-1005P OMRON-B3SL-1005P Datasheet
375Kb / 3P
Middle-stroke Tactile Switch (SMT)
logo
ALPS ELECTRIC CO.,LTD.
SKSU ALPS-SKSU Datasheet
1Mb / 3P
Quiet Middle-stroke (Surface Mount Type)
logo
CUI INC
TS02 CUI-TS02 Datasheet
467Kb / 5P
TACTILE SWITCH
TS04 CUI-TS04 Datasheet
429Kb / 5P
TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
TACTILE SWITCH
04/13/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com