Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3FS-1012P Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # B3FS-1012P
Description  Tactile Switch (SMD)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3FS-1012P Datasheet(HTML) 1 Page - Omron Electronics LLC

  B3FS-1012P Datasheet HTML 1Page - Omron Electronics LLC B3FS-1012P Datasheet HTML 2Page - Omron Electronics LLC B3FS-1012P Datasheet HTML 3Page - Omron Electronics LLC B3FS-1012P Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tactile Switch (SMD)
B3FS
247
Tactile Switch (SMD)
B3FS
Surface-mounting Switches Ideal for
High-density Mounting
• Tape packing style also available
• Allows reflow soldering
• 3 actuator heights for design flexibility; Projected plunger
versions allow installation of B32-series keytops
• RoHS Compliant
Ordering Information
Note: Order in multiples of the quantities given for each package
Important Note:Switches cannot be water-washed.
Specifications
■ Characteristics
Note: Data shown are of initial value
Item
Model
Type
Plunger
Height
Operating force (OF)
Bag packaging
Embossed tape packaging
(qty/bag)
(qty/reel)
Standard
6 x 6 mm
Flat
3.1 mm
General-purpose: 100 gf
B3FS-1000
100
B3FS-1000P
3,000
High-force:
150 gf
B3FS-1002
B3FS-1002P
Flat
4.3 mm
General-purpose: 100 gf
B3FS-1010
B3FS-1010P
1,000
High-force:
150 gf
B3FS-1012
B3FS-1012P
Projected
7.3 mm
General-purpose: 100 gf
B3FS-1050
B3FS-1050P
High-force:
150 gf
B3FS-1052
B3FS-1052P
Contact form
SPST-NO
Switching capacity
50 mA, 24 VDC (resistive load)
Contact resistance
100 m
Ω max. (rated: 1 mA, 5 VDC)
Insulation resistance
100 M
Ω min. (at 100 VDC)
Dielectric strength
250 VAC, 50/60 Hz for 1 min.
Bounce time
5 ms max.
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 max. (approx. 100G max.)
Malfunction: 100 m/s2 max. (approx. 10G max.)
Life expectancy
General-purpose
1,000,000 operations min.
High-force type
300,000 operations min.
Ambient operating temperature
–25
°C to +70°C (at 60% RH max.) with no icing or condensation
Ambient operating humidity
35% to 85% (at 5 to 35
°C)
Weight
Approx. 0.2 g


Similar Part No. - B3FS-1012P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3FS-1012P OMRON-B3FS-1012P Datasheet
562Kb / 4P
Tactile Switch (SMD)
B3FS-1012P OMRON-B3FS-1012P Datasheet
282Kb / 4P
Surface-mounting Switches Ideal for High-density Mounting
More results

Similar Description - B3FS-1012P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
Tactile Switch
B3M OMRON-B3M Datasheet
261Kb / 4P
Tactile Switch
B3SN OMRON-B3SN Datasheet
353Kb / 4P
Tactile Switch (SMD)
B3W OMRON-B3W Datasheet
800Kb / 6P
Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
Tactile Switch
B3FS OMRON-B3FS_10 Datasheet
562Kb / 4P
Tactile Switch (SMD)
B3FS-4 OMRON-B3FS-4 Datasheet
248Kb / 2P
SMD Tactile Switch
logo
CUI INC
TS02 CUI-TS02 Datasheet
467Kb / 5P
TACTILE SWITCH
TS04 CUI-TS04 Datasheet
429Kb / 5P
TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
TACTILE SWITCH
04/13/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com