Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2SW-P Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D2SW-P
Description  Sealed Subminiature Basic Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2SW-P Datasheet(HTML) 1 Page - Omron Electronics LLC

  D2SW-P Datasheet HTML 1Page - Omron Electronics LLC D2SW-P Datasheet HTML 2Page - Omron Electronics LLC D2SW-P Datasheet HTML 3Page - Omron Electronics LLC D2SW-P Datasheet HTML 4Page - Omron Electronics LLC D2SW-P Datasheet HTML 5Page - Omron Electronics LLC D2SW-P Datasheet HTML 6Page - Omron Electronics LLC D2SW-P Datasheet HTML 7Page - Omron Electronics LLC D2SW-P Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Sealed Subminiature Basic Switch
D2SW-P
201
Sealed Subminiature Basic Switch
D2SW-P
Sealed Basic Switch with Simplified
Construction, Mounting Compatible with
SS and D2SW Series.
• Sealed to IEC IP67.
• Switch rating of 2A at 250 VAC possible with a single-leaf
movable spring. Models for micro loads are also available.
• Solder, quick-connect terminals (#110), PCB terminals and
molded lead wires are available. Even-pitched PCB
terminals are also standardized.
Ordering Information
Note: Consult your OMRON sales representative for details on SPST-NO and SPST-NC models.
Model Number Legend
Rating Actuator
Terminal
Solder
terminals
Quick-connect
terminals (#110)
PCB terminals
Molded lead
wires
Uneven pitch
Even pitch
2A
Pin plunger
D2SW-P2H
D2SW-P2T
D2SW-P2D
D2SW-P2B
D2SW-P2M
Hinge lever
D2SW-P2L1H
D2SW-P2L1T
D2SW-P2L1D
D2SW-P2L1B
D2SW-P2L1M
Hinge roller lever
D2SW-P2L2H
D2SW-P2L2T
D2SW-P2L2D
D2SW-P2L2B
D2SW-P2L2M
Simulated roller lever
D2SW-P2L3H
D2SW-P2L3T
D2SW-P2L3D
D2SW-P2L3B
D2SW-P2L3M
0.1A
Pin plunger
D2SW-P01H
D2SW-P01T
D2SW-P01D
D2SW-P01B
D2SW-P01M
Hinge lever
D2SW-P01L1H
D2SW-P01L1T
D2SW-P01L1D
D2SW-P01L1B
D2SW-P01L1M
Hinge roller lever
D2SW-P01L2H
D2SW-P01L2T
D2SW-P01L2D
D2SW-P01L2B
D2SW-P01L2M
Simulated roller lever
D2SW-P01L3H
D2SW-P01L3T
D2SW-P01L3D
D2SW-P01L3B
D2SW-P01L3M
D2SW-P
1.
Ratings
2:
2 A at 250 VAC
01:
0.1 A at 30 VDC
2.
Actuator
None: Pin plunger
L1:
Hinge lever
L2:
Hinge roller lever
L3:
Simulated roller lever
3.
Contact Form
None: SPDT
-2:
SPST-NC*
-3:
SPST-NO*
*Lead wire versions only
4.
Terminals
H:
Solder terminals
3 4
2
1
M:
Molded lead wires
B:
PCB terminals (even pitch)
D:
PCB terminals (Uneven pitch)
T:
Quick-connect terminals (#110)


Similar Part No. - D2SW-P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D2SW-01D ETC-D2SW-01D Datasheet
95Kb / 6P
Watertight Miniature Basic Switch
logo
Omron Electronics LLC
D2SW-01DS OMRON-D2SW-01DS Datasheet
613Kb / 8P
Sealed Snap Action Switch
D2SW-01DS OMRON-D2SW-01DS Datasheet
549Kb / 8P
Sealed Snap Action Switch
logo
List of Unclassifed Man...
D2SW-01H ETC-D2SW-01H Datasheet
95Kb / 6P
Watertight Miniature Basic Switch
logo
Omron Electronics LLC
D2SW-01HS OMRON-D2SW-01HS Datasheet
613Kb / 8P
Sealed Snap Action Switch
More results

Similar Description - D2SW-P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
Subminiature Basic Switch
SSG OMRON-SSG Datasheet
765Kb / 10P
Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
Subminiature Basic Switch
D2QW OMRON-D2QW Datasheet
457Kb / 6P
Sealed Ultra Subminiature Basic Switch
J-7-V3 OMRON-J-7-V3 Datasheet
221Kb / 8P
Ultra Subminiature Basic Switch
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
Subminiature Basic Switch
D2AW OMRON-D2AW Datasheet
383Kb / 8P
Sealed Ultra Subminiature Basic Switch
D2FS OMRON-D2FS Datasheet
301Kb / 4P
Ultra Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
Ultra Subminiature Basic Switch
logo
Honeywell Solid State E...
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
MICRO SWITCH??Sealed Subminiature Basic Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com