Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2SW-P2H Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D2SW-P2H
Description  Sealed Subminiature Basic Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2SW-P2H Datasheet(HTML) 4 Page - Omron Electronics LLC

  D2SW-P2H Datasheet HTML 1Page - Omron Electronics LLC D2SW-P2H Datasheet HTML 2Page - Omron Electronics LLC D2SW-P2H Datasheet HTML 3Page - Omron Electronics LLC D2SW-P2H Datasheet HTML 4Page - Omron Electronics LLC D2SW-P2H Datasheet HTML 5Page - Omron Electronics LLC D2SW-P2H Datasheet HTML 6Page - Omron Electronics LLC D2SW-P2H Datasheet HTML 7Page - Omron Electronics LLC D2SW-P2H Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
204
Sealed Subminiature Basic Switch
D2SW-P
■ Dimensions and Operating Characteristics
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
2. The following illustrations and drawings are for solder terminal models. Refer to Terminals section for details on models with quick-connect
terminals (#110) or PCB terminals or molded lead wires.
3. The operating characteristics are for operation in the A direction (
).
.
0.5
6.4±0.2
3.2
2.15
8.55
9.5±0.1
7.55±0.2
A
19.8±0.2
2.5±0.07 dia.
3.3±0.1
5.15
15.5
Three, 1.6 dia. holes
7.7
6.9
1.8 dia.
2.35
dia.
+0.075
−0.05
2.35
+0.075
−0.05
PT
OP
7.3
0.5
6.4±0.2
A
3.2
2.15
8.55
9.5±0.1
2.5±0.07 dia.
19.8±0.2
5.15
15.5
Three, 1.6 dia. holes
2.35
+0.075
−0.05
2.35
dia.
+0.075
−0.05
7.3
t=0.3 Stainless-steel lever
14.5±0.6
3.3±0.1
FP
OP
7.7
6.9
Pin Plunger Models
D2SW-P2
@@
D2SW-P01
@@
OF max.
RF min.
183 gf
20 gf
PT max.
OT min.
MD max.
0.6 mm
0.4 mm
0.15 mm
OP
8.4
±0.3 mm
OF max.
RF min.
61 gf
5 gf
OT min.
MD max.
0.8 mm
0.8 mm
FP max.
OP
13.6 mm
8.8
±0.8 mm
Hinge Lever Models
D2SW-P2L1
@@
D2SW-P01L1
@@
0.5
6.4±0.2
A
3.2
2.15
8.55
9.5±0.1
2.5±0.07 dia.
19.8±0.2
5.15
15.5
Three, 1.6 dia. holes
2.35+0.075
-0.05
2.35
dia.
+0.075
-0.05
7.3
t=0.3 Stainless-steel lever
14.5±0.6
3.3±0.1
FP
OP
7.7
6.9
dia. 4.8 x 3.2
Polyacetal resin roller
OF max.
RF min.
61 gf
5 gf
OT min.
MD max.
0.8 mm
0.8 mm
FP max.
OP
19.3 mm
14.5
±0.8 mm
OF max.
RF min.
61 gf
5 gf
OT min.
MD max.
0.8 mm
0.8 mm
FP max.
OP
15.5 mm
10.7
±0.8 mm
Hinge Roller Lever Models
D2SW-P2L2
@@
D2SW-P01L2
@@
Simulated Roller Lever Models
D2SW-P2L3
@@
D2SW-P01L3
@@
0.5
6.4±0.2
A
3.2
2.15
8.55
9.5±0.1
2.5±0.07 dia.
19.8±0.2
5.15
15.5
Three, 1.6 dia. holes
2.35
+0.075
−0.05
2.35
dia.
R1.3
+0.075
−0.05
7.3
t=0.3 Stainless-steel lever
15.8±0.6
3.3±0.1
FP
OP
7.7
6.9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com