Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2SW-3DS Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D2SW-3DS
Description  Sealed Snap Action Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2SW-3DS Datasheet(HTML) 4 Page - Omron Electronics LLC

  D2SW-3DS Datasheet HTML 1Page - Omron Electronics LLC D2SW-3DS Datasheet HTML 2Page - Omron Electronics LLC D2SW-3DS Datasheet HTML 3Page - Omron Electronics LLC D2SW-3DS Datasheet HTML 4Page - Omron Electronics LLC D2SW-3DS Datasheet HTML 5Page - Omron Electronics LLC D2SW-3DS Datasheet HTML 6Page - Omron Electronics LLC D2SW-3DS Datasheet HTML 7Page - Omron Electronics LLC D2SW-3DS Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
198
Sealed Snap Action Switch
D2SW
Dimensions
■ Terminals
Note: Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
7.3
3.3
±0.1
1.8
1.6
0.8R
1.6
3.2
6.4
±0.2
0.5
19.8
±0.2
8.5
±0.2
5.15 9.5
±0.1
15.5
±0.2
18.7
±0.2
Solder Terminals (HS)
0.55
2.9
3.3
±0.1
2.9
10.1
6.6
Three,
2.8
8.7
±0.2
5.15 9.5±0.1
15.5
±0.2
19.8
±0.2
2.15
0.5
6.4
±0.2
Three,
1.2 dia.
holes
Quick-connect Terminals (#110) (TS)
7.2
3.3
±0.1
0.8
1.2
8.8
±0.2
5.15
1.85
9.5
±0.1
1.3
6.4
±0.2
0.5
1.8
±0.1
2.9
0.7
3.9
PCB Terminals (DS)
19.8
±0.2
16.1
±0.2
Common terminal (black) (see note)
Vinyl insulator
Normally open terminal (blue) (see note)
Stranded annealed copper wires
Normally
closed terminal
(red)*
9.2
16.4 16.9
300
±10
(5)
6.4
±0.2
21.2
5.15
9.5
±0.1
0.7
Molded Lead Wires
* UL/CSA approved models have UL approved AWG22 wiring.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com