Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2SW-P2L3H Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D2SW-P2L3H
Description  Sealed Subminiature Basic Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2SW-P2L3H Datasheet(HTML) 3 Page - Omron Electronics LLC

  D2SW-P2L3H Datasheet HTML 1Page - Omron Electronics LLC D2SW-P2L3H Datasheet HTML 2Page - Omron Electronics LLC D2SW-P2L3H Datasheet HTML 3Page - Omron Electronics LLC D2SW-P2L3H Datasheet HTML 4Page - Omron Electronics LLC D2SW-P2L3H Datasheet HTML 5Page - Omron Electronics LLC D2SW-P2L3H Datasheet HTML 6Page - Omron Electronics LLC D2SW-P2L3H Datasheet HTML 7Page - Omron Electronics LLC D2SW-P2L3H Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Sealed Subminiature Basic Switch
D2SW-P
203
Dimensions
■ Terminals
Note: 1. All units are in millimeters unless otherwise indicated.
2. Terminal plate thickness is 0.5 mm for all models.
Solder Terminals
PCB Terminals (Uneven pitch)
PCB Mounting Dimensions (Reference)
Quick-connect Terminals (#110)
PCB Terminals (Even pitch)
PCB Mounting Dimensions (Reference)
Molded Lead Wires
■ Mounting Holes
All switches may be panel mounted using M2.3 mounting screws with
plane washers or spring washers to securely mount the switch.
Tighten the screws to a torque of 0.23 to 0.26 N·m
Exceeding the specified torque may result in deterioration of the
sealing or damage.
NC
NC
C
0.5
6.4±0.2
3.2
2.15
8.55
9.5±0.1
19.8±0.2
3.3±0.1
5.15
7.3
15.5
Three, 1.6-dia. Holes
0.5
1.3
6.4
±0.2
3.3±0.1
3-1.2
3-0.8
1.85
16.1±0.2
9.5±0.1
5.15
19.8±0.2
8.8±0.2
3.9
1.8
16.1±0.1
8.8±0.1
Three,-1.35 to 1.5 dia.
0.5
6.4±0.2
7.6±0.2 7.6±0.2
9.5±0.1
19.8±0.2
3.3±0.1
3-2.8
5.15
11
7.1
3.3
±0.1
3-1.2
3-0.8
19.8±0.2
7.62±0.2 7.62±0.2
0.5
1.3
6.4±0.2
3.9
1.8
9.5±0.1
5.15
7.62±0.1 7.62±0.1 Three, 1.35 to 1.5 dia.
300±10
6.4±0.2
9.2
(5)
21.2
9.5±0.1
5.15
Normally closed
terminal (red)
Normally open
terminal (blue)
Common terminal (black)
0.7
Insulator
Stranded annealed
copper wites
9.5±0.1
Two, M2.3 screw hole



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com