Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D3DC Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D3DC
Description  Miniature Door Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3DC Datasheet(HTML) 2 Page - Omron Electronics LLC

  D3DC Datasheet HTML 1Page - Omron Electronics LLC D3DC Datasheet HTML 2Page - Omron Electronics LLC D3DC Datasheet HTML 3Page - Omron Electronics LLC D3DC Datasheet HTML 4Page - Omron Electronics LLC D3DC Datasheet HTML 5Page - Omron Electronics LLC D3DC Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
54
Miniature Door Switch
D3DC
■ Contact Specifications
Note: Minimum applicable loads are indicated by N standard refer-
ence values. This value represents the failure rate at a 60%
(λ
60) reliability level (JIS C5003).
The equation
λ
60=0.5 x 10
-6 / operations indicates that a failure
rate of 1/2,000,000 operations can be expected at a reliability
level of 60%
■ Approved Standards
UL Recognized
CSA Certified (UL approval)
Engineering Data
■ Panel Cutout Dimensions
■ Contact Form
Note: Mounting plate thickness: 0.75 mm to 1.50 mm.
Dimensions and Operating Characteristics
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
2. The operating characteristics are for operation in the A direction (indicated by the arrow))
Item
Specification
Specification
Rivet
Material
Silver
Gap (standard value_
0.3 mm
Minimum applicable load
(see note)
1 mA at 5 VDC
Rated voltage
Rated Load
30 VDC
0.1 A
8.7+0.1
0
16.9±0.1
NC
COM
NO
COM
SPST-NC
SPST-NO
7.3
19
8
8.5
10
A
φ 4.9
11
2
12.1
(TTP)
(FP)
(OP)
(TT)
2
Model
D3DC-2
D3DC-3
OF max.
102 gf
TT
7.0 mm (reference value)
FP
9.5 (reference value)
OP min.
6.7 mm
TTP
2.0 mm (reference value)
D3DC-2
D3DC-3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com