Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2A02 Datasheet(PDF) 2 Page - Compact Technology Corp.

Part # CT2A02
Description  PLASTIC SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

CT2A02 Datasheet(HTML) 2 Page - Compact Technology Corp.

  CT2A02 Datasheet HTML 1Page - Compact Technology Corp. CT2A02 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CT2A01 thru CT2A07
RATINGS AND CHARACTERISTIC CURVES
2.5
2.0
1.5
1.0
.5
0 0
25
50
75
100
125
150
175
20
10
2
1.0
.4
.2
.1
.04
.02
.01
.6
.8
1.0
1.2
1.4
1.5
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm)
Lead Length
O
AMBIENT TEMPERATURE. ( C)
FORWARD VOLTAGE. VOLTS
FIG.2- TYPICAL FORWARD CHARACTERISTICS
40
20
0
1
2
4
6 8 10
20
40 60 80 100
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0
2
4
10
20
40
100
10
4
1.0
.4
.1
.04
.01
0
20
40
60
80
100 120
140
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
NUMBER OF CYCLES AT 60Hz
FIG.4- TYPICAL REVERSE CHARACTERISTICS
O
Tj=25 C
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE. (V)
O
Tj=25 C
O
Tj=100 C
60
80
100
Compact Technology
CTC0169 Ver. 2.0
2 of 2
CT2A01 thru CT2A07



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com