Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1K Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # FS1K
Description  SURFACE MOUNT FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

FS1K Datasheet(HTML) 1 Page - Compact Technology Corp.

  FS1K Datasheet HTML 1Page - Compact Technology Corp. FS1K Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FS1A thru FS1M
Case : Molded plastic
Polarity : Indicated by cathode band
Weight : 0.002 ounces, 0.064 grams
NOTES : 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2. Thermal Resistance Junction to Lead.
3. Measured with :IF=0.5A, IR=1.0A, IRR=0.25A
VRMS
VDC
VRRM
I(AV)
IFSM
VF
IR
CJ
Maximum Average Forward
Rectified Current
Peak Forward Surge Current
8.3ms single half sine-wave
super imposed on rated load (JEDEC METHOD)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum forward Voltage at 1.0A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ =125 C
@TJ =25 C
Typical Junction Capacitance (Note1)
1.0
30
1.
3
5.0
100
10
TJ
Operating Temperature Range
-55 to +150
C
TSTG
Storage Temperature Range
-55 to +150
C
Typical Thermal Resistance (Note 2)
R0JL
30
C/W
pF
uA
V
A
A
V
UNIT
V
V
CHARACTERISTICS
SYMBOL
@TL =
90 C
200
140
200
50
35
50
1000
700
1000
100
70
100
800
560
800
600
420
600
400
280
400
FS1A
FS1M
FS1K
FS1J
FS1G
FS1D
FS1B
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.0 Ampere
SURFACE MOUNT
FAST RECOVERY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Maximum Reverse Recovery Time (Note 3)
TRR
150
250
500
ns
Compact Technology
CTC01
70 Ver. 1.0
1 of 2
FS1A thru FS1M
SMAE
FEATURES
Plastic passivated Junction
For surface mounted applications
Low reverse leakage current
Low forward voltage drop
High current capability
Plastic material has UL flammability classification 94V-0
MECHANICAL DATA
Case : Molded plastic
H
J
E
G
A
B
D
C
Cathode Band
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.081
.089
2.05
2.25
B
.059
.075
1.50
1.90
C
.002
.010
0.05
0.25
D
--
.008
---
.20
E
.030
.052
0.76
1.32
G
.189
.209
4.80
5.30
H
.159
.167
4.05
4.25
J
.094
.102
2.40
2.60


Similar Part No. - FS1K

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FS1K JGD-FS1K Datasheet
254Kb / 4P
1.0 AMPS. FAST RECOVERY SILICON RECTIFIER
logo
Micro Commercial Compon...
FS1K MCC-FS1K Datasheet
621Kb / 3P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
FS1K PFS-FS1K Datasheet
516Kb / 3P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FS1K MCC-FS1K Datasheet
234Kb / 4P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FS1K MCC-FS1K Datasheet
274Kb / 4P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - FS1K

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GR3AB GOOD-ARK-GR3AB Datasheet
157Kb / 2P
Fast Recovery Surface Mount Rectifiers
GROAA GOOD-ARK-GROAA Datasheet
147Kb / 2P
Fast Recovery Surface Mount Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
Surface Mount Fast Recovery Rectifiers
logo
Nanjing International G...
DFR1A DGNJDZ-DFR1A Datasheet
46Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Shanghai Yint Electroni...
RS2AB YINT-RS2AB Datasheet
497Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2ABF YINT-RS2ABF Datasheet
502Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2AF YINT-RS2AF Datasheet
500Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Dongguan Pingjingsemi T...
RS3AF-PJ PJSEMI-RS3AF-PJ Datasheet
757Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS15AFL-PJ PJSEMI-RS15AFL-PJ Datasheet
739Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com