Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1M Datasheet(PDF) 2 Page - Compact Technology Corp.

Part # FS1M
Description  SURFACE MOUNT FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

FS1M Datasheet(HTML) 2 Page - Compact Technology Corp.

  FS1M Datasheet HTML 1Page - Compact Technology Corp. FS1M Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.6
1.4
1.2
1.0
.8
.6
.4
.2
0
20
40
60
80
100
120
140
160
180
O
LEAD TEMPERATURE , C
FIG . 1- FORWARD CURRENT DERATING CURVE
SINGLE PHASE HALF WAVE
RESISTIVE OR INDUCTIVE
P.C.B MOUNTED ON
0.315x0.315" (8.0x8.0mm)
PADAREAS
O
T =25 C
J
10
1
1
10
100
REVERSE VOLTAGE ,Vdc
FIG. 2- TYPICAL JUNCTION CAPACITANCE
8.3ms SINGLE HALF SINE WAVE
JEDECIVETHOD
1
2
5
10
20
50
100
30
25
20
15
10
5
NUMBER OF CYCLES AT 60Hz
FIG . 3- PEAK FORWARD SURGE CURRENT
PULSE
GENERATOR
NOTE2
[+]
25Vdc
(approx)
(-)
D.U.T
50
Noninductive
10
Noninductive
1
Non
Inductive
OSCILLOSCOPE
NOTE 1
NOTE:1.Rise TIME=7ns max
Input Impedance = 1 megohm. 22 pF
2.Rise Time = 10ns max
Source Impedance = 50Ohms
t
rr
+0.5A
0
-0.25
-1.0
SET TIME
BASE FOR
50 ns/cm
1cm
Fig. 5 - REVERSE FRCOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
10
1
0.1
0.01
0.2 0.4 0.6
0.8 1.0
1.2 1.4 1.6
O
T =25 C
J
PULSE WIDTH=300uS
1% DUTY CYCLE
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.4-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
RATNG AND CHARACTERISTIC CURVES
FS1A thru FS1M
Compact Technology
CTC01
70 Ver. 1.0
2 of 2
FS1A thru FS1M



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com