Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3W-9010-R1R Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # B3W-9010-R1R
Description  Illuminated Tactile Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3W-9010-R1R Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button B3W-9010-R1R Datasheet HTML 2Page - Omron Electronics LLC B3W-9010-R1R Datasheet HTML 3Page - Omron Electronics LLC B3W-9010-R1R Datasheet HTML 4Page - Omron Electronics LLC B3W-9010-R1R Datasheet HTML 5Page - Omron Electronics LLC B3W-9010-R1R Datasheet HTML 6Page - Omron Electronics LLC B3W-9010-R1R Datasheet HTML 7Page - Omron Electronics LLC B3W-9010-R1R Datasheet HTML 8Page - Omron Electronics LLC B3W-9010-R1R Datasheet HTML 9Page - Omron Electronics LLC B3W-9010-R1R Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
264
Illuminated Tactile Switches
B3W-9
Removing the Cap - Text Film Installation
1. Hold the cap at the side away from the mating section. Pull
straight up.
2. Do not remove the cap while the Switch is mounted. Doing so
will apply force to the soldered section and LEDs, resulting in
malfunction.
Placing the Cap on the Switch
Hold the Cap at the side away from the mating section. Push straight
down until the mating section meets.
Removing the Cap
The Cap can be removed up to two times. Excessively removing the
Cap will cause the mating section to become weak, resulting the
operating section not mating completely or the Cap may fall off.
Film Dimensions
Dimensions of the film are shown below. The thickness is 0.2 mm.
Dust Protection
Although the switching mechanism is a sealed structure (IP64), illu-
mination part and actuation part is not sealed. Ensure you have the
correct environmental conditions for installation. Use a protective
sheet or take other measures to protect against dust.
Sensitivity to Static Electricity
Switches with high-brightness green (HG) or blue (B) LEDs are sus-
ceptible to static electricity. Take care when handling switches with
these LEDs as the LEDs may be damaged.
Storage Precautions
Storage Environment
To prevent degradation, such as discoloration, of the terminals during
storage, do not store the Switch in locations that are subject to the
following conditions.
1. High temperature or humidity
2. Corrosive gases
3. Direct sunlight
Storage condition
Store the Switches in the packaging box.
After the packaging box is opened, use the contents as quickly as
possible. When storing leftover parts, make sure that appropriate
measures are taken against humidity and corrosive gases.
Agreement of Product Use
Comply with the usage, storage, and disposal conditions specified by
OMRON as outlined in the precautions in the product datasheet and
specifications.
Be sure to read the precautions common to all Tactile Switches, con-
tained in the Technical User’s Guide, “Tactile Switches, Technical
Information” for correct use
Correct
Incorrect
Correct
Incorrect
7.4
±0.1
8.9
±0.1
8.9
±0.1
7.4
±0.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com