Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3W-9010-R2N Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # B3W-9010-R2N
Description  Illuminated Tactile Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3W-9010-R2N Datasheet(HTML) 1 Page - Omron Electronics LLC

  B3W-9010-R2N Datasheet HTML 1Page - Omron Electronics LLC B3W-9010-R2N Datasheet HTML 2Page - Omron Electronics LLC B3W-9010-R2N Datasheet HTML 3Page - Omron Electronics LLC B3W-9010-R2N Datasheet HTML 4Page - Omron Electronics LLC B3W-9010-R2N Datasheet HTML 5Page - Omron Electronics LLC B3W-9010-R2N Datasheet HTML 6Page - Omron Electronics LLC B3W-9010-R2N Datasheet HTML 7Page - Omron Electronics LLC B3W-9010-R2N Datasheet HTML 8Page - Omron Electronics LLC B3W-9010-R2N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Illuminated Tactile Switches
B3W-9
257
Illuminated Tactile Switches
B3W-9
Compact Illuminated Tactile Switch with
2LEDs
• Compact construction (10 x 10 mm and 12 x 12 mm with
11 mm height) with bright and uniform illumination.
• Three-color illumination (red LED + green LED = orange).
• Standard force (160 gf) and high-force (230 gf) models.
• RoHS Compliant
Features
Model Number Structure
1. Cap width
0:
10 x 10 mm
1:
12 x 12 mm
2. Operating force
0:
Standard (OF = 160 gf)
2:
High-force (OF = 230 gf)
3. LED color
R:
Red
G:
Green
HG:
Green (high brightness)
Y:
Yellow
B:
Blue
RG:
Red + Green (Combination of LED colors)
RB:
Red + Blue (Combination of LED colors)
4. No. of LEDs
1:
1
2:
2
5. Cap
R:
Red
G:
Green
Y:
Yellow
B:
Blue
C:
Transparent
N:
Milky white
Note: 1. Switches with two LEDS are only available with Transparent
or Milky White caps.
2. If a tricolour operation is required, use the Red+Green (RG)
combination with the milky white cap. Simultaneous illumi-
nation of these two LEDs will produce Orange.
Bright and uniform illumination
• Compact construction 10 × 10 × 11 mm
(W
× D × H) and 12 × 12 × 11 mm (W × D
× H) equipped with 2 LEDs.
• Uniquely constructed diffusion panel.
Three-color illumination
• Simultaneous use of red and green
LEDs create a third color (orange).
Snap-action contact construction
for a positive click action.
• Models available with two different
operating forces, standard force (160 gf)
and high-force (230 gf).
High contact reliability
• Sealed construction provides high
contact reliability.
12
34 5
B3W-90
@@-@@@


Similar Part No. - B3W-9010-R2N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3W-1000 OMRON-B3W-1000 Datasheet
520Kb / 8P
Mechanical Keyswitch
B3W-1000 OMRON-B3W-1000 Datasheet
800Kb / 6P
Tactile Switch
B3W-1000 OMRON-B3W-1000 Datasheet
457Kb / 6P
Sealed Tactile Switch
B3W-1000S OMRON-B3W-1000S Datasheet
520Kb / 8P
Mechanical Keyswitch
B3W-1000S OMRON-B3W-1000S Datasheet
457Kb / 6P
Sealed Tactile Switch
More results

Similar Description - B3W-9010-R2N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
101-TS7311T1601-EV ETC2-101-TS7311T1601-EV Datasheet
147Kb / 1P
Tactile Switches
101-TS7311T1604BC-EV ETC2-101-TS7311T1604BC-EV Datasheet
149Kb / 1P
Tactile Switches
MS-100637 ETC2-MS-100637 Datasheet
158Kb / 1P
Tactile Switches (SMT)
logo
GREATECS
JL15SKSCCP2 GREATECS-JL15SKSCCP2 Datasheet
1Mb / 6P
Ultra-Thin Illuminated Tactile Switches
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
Tactile Switches
KSMC612A HOKURIKU-KSMC612A Datasheet
183Kb / 2P
Tactile Switches
KSMC632A HOKURIKU-KSMC632A Datasheet
216Kb / 2P
Tactile Switches
logo
C&K Components
KT11B1SM CK-COMPONENTS-KT11B1SM Datasheet
430Kb / 3P
Sealed Tactile Switches
logo
Copal Electronics
TME COPAL-TME Datasheet
177Kb / 2P
Tactile Switches
logo
CamdenBoss Ltd.
CST06S0AT CAMDENBOSS-CST06S0AT Datasheet
443Kb / 1P
6x6mm tactile switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com