Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB4S Datasheet(PDF) 2 Page - Compact Technology Corp.

Part # MB4S
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

MB4S Datasheet(HTML) 2 Page - Compact Technology Corp.

  MB4S Datasheet HTML 1Page - Compact Technology Corp. MB4S Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fig.1 DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
Fig.2 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
Fig.3 TYPICAL PEAK REVERSE CHARACTERISTICS
Fig.4 MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
AMBIENT TEMPERATURE , C
O
PERCENT OF PEAK REVERSE VOLTAGE
NO. OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0
0
150
100
50
0
.01
.1
1.0
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
1.0
0.1
0.01
020
40
60
80
100
120
140
T =25 C
A
O
T =100 C
A
O
100
60
40
20
10
5
2
1
MB1S thru MB10S
Compact Technology
2 of 2
MB1S thru MB10S
Single Half-Sine-Wave
(JEDEC METHOD)
1
5
10
50
100
2
20
0
10
30
20
Single Half-Sine-Wave
(JEDEC METHOD)
0.4
0.6
0.8
0.2
1.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com