Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2020FCT Datasheet(PDF) 2 Page - Compact Technology Corp.

Part # MBR2020FCT
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

MBR2020FCT Datasheet(HTML) 2 Page - Compact Technology Corp.

  MBR2020FCT Datasheet HTML 1Page - Compact Technology Corp. MBR2020FCT Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Compact Technology
CTC-MBR-F-0002
2 of 2
MBR2020FCT thru MBR20200FCT
MBR1020FCT thru MBR10100FCT
FIG. 1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2-TYPICAL FORWARD CHARACTERISTICS
FIG. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
FIG. 5-TYPICAL JUNCTION CAPACITANCE
0
10
20
30
40
0
20
40
60
80
100
120
140
160
180
AMBIENT TEMPERATURE(
)
0
30
60
90
120
150
1
10
100
NUMBER OF CYCLES AT 60Hz
0.0
250.0
500.0
750.0
1000.0
1250.0
1500.0
0
1
10
100
REVERSE VOLTAGE (V)
MBR2020FCT~MBR2040FCT
MBR2050FCT~MBR2060FCT
MBR2080FCT~MBR20100FCT
MBR20150FCT~MBR20200FCT
0.00
0.01
0.10
1.00
10.00
100.00
20%
40%
60%
80%
100%
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
25
100
0.01
0.10
1.00
10.00
100.00
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
FORWARD VOLTAGE (V)
MBR2020FCT~MBR2040FCT
MBR2050FCT~MBR2060FCT
MBR2080FCT~MBR20100FCT
MBR20150FCT~MBR20200FCT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com