Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL403 Datasheet(PDF) 2 Page - Compact Technology Corp.

Part # PBL403
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

PBL403 Datasheet(HTML) 2 Page - Compact Technology Corp.

  PBL403 Datasheet HTML 1Page - Compact Technology Corp. PBL403 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
PBL401 thru PBL407
FIG.2- MAXIMU M FORWARD CURRENT DERATING
CURVE
O
AMBIE NT TEMPERATUR E. ( C)
FORWAR D VOLTAGE. (V)
FIG.1- MAXIMU M NON-REPETI TIVE FORWARD
SURGE CURRENT PER BRIDGE ELEMEN T
NUMB ER OF CYCLES AT 60Hz
FIG.3- TYPICA L INSTANTANEOUS FORWARD
CHAR ACTER ISTICS PER BRIDGE ELEMENT
1
10
100
1000
10
1.0
0.1
.01
.4
.6
.8
1.0
1.2
1.4
1.6
1.0
0.01
0
20
40
60
80
100
120
140
FIG.4- TYPICA L REVERSE CHARACTER ISTICS
PER BRIDGE ELEMENT
PERCE NT OF RATED PEAK REVERSE VOLTAGE. (%)
O
Tj=25 C
PULSE WIDTH-30 0uS
2% DUTY CYCLE
O
Tj=100 C
O
Tj=25 C
.1
4
3
2
1
0
0
50
100
150
10.0
200
150
100
0
5
Compact Technology
CTC0029 Rev. 1.12 of 2
PBL
401 thru PBL407



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com