Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2007 Datasheet(PDF) 2 Page - Compact Technology Corp.

Part # PR2007
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

PR2007 Datasheet(HTML) 2 Page - Compact Technology Corp.

  PR2007 Datasheet HTML 1Page - Compact Technology Corp. PR2007 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PR2001 thru PR2007
trr
1cm
50
NONINDUCTIVE
10
NONINDUCTIVE
DUT
OSCILLOSCOPE
(NOTE 2 )
(+ )
50Vdc
(approx)
(-)
NOTES: 1 . RISE TIME = 7nsmax. INPUT
IMPEDANCE= 1 MEGOHM 22pf
2 . RISETIME = 10ns max.SOURSE
IMPEDANCE = 50ohmsf
+0.5A
-1.0A
SET TIME BASE FOR
5/ 10ns / cm
NONINDUCTIVE
PULSE
GENERATOR
( NOTE 2 )
-0.25A
0
FIG .
-REVERSE RECOVERY TIME CHARACTERISTIC
AND TEST CIRCUIT DIAGRAM
5
FIG . 2 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG 3 . - TYPICAL FORWARD
CHARACTERISTICS
FIG . 4 - TYPICAL HUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
O
AMBIENT TEMPERATURE . ( C )
REVERSE VOLTAGE . ( V)
FORWARD VOLTAGE . (V )
8.3ms Single Half Sine
Wave JEDEC Method
SINGLE PHASE
HALF WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
0.375" (9.5 mm)
LEAD LENGTH
O
Tj=25 C
Pulse Width=300
s
1% Duty Cycle
O
Tj=25 C
FIG . 1 - MAXIMUM FORWARD CURRENT DERATING
CURVE
0
25
50
75
100
125
150
175
2.0
1.5
1.0
.5
0
60
50
40
30
20
10
0
2
4
6
10
20
40
1 00
1
2
4
6
10
20
40
6 0
100
100
60
40
20
10
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
20
10
1.0
3.0
0.3
0.1
.03
.01
RATINGS AND CHARACTERISTIC CURVES
1
Compact Technology
CTC0126 Ver. 2.0
2 of 2
PR2001 thru PR2007



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com