Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB280 Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # SB280
Description  SCHOTTKY BARRIER RECTIFIERS (DO-15)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

SB280 Datasheet(HTML) 1 Page - Compact Technology Corp.

  SB280 Datasheet HTML 1Page - Compact Technology Corp. SB280 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB220 thru SB2200
FEATURES
Metal-Semiconductor junction with guard ring
Epitaxial construction
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications
MECHANICAL DATA
Case : JEDEC DO-15 molded plastic
Polarity : Color band denotes cathode
Weight : 0.373 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
A
C
D
A
B
SCHOTTKY BARRIER RECTIFIERS
REVERSE VOLTAGE - 20 to 200Volts
FORWARD CURRENT - 2.0 Amperes
Max.
All Dimensions in millimeter
Min.
DO-15
Dim.
A
D
C
B
25.4
7.60
-
5.80
0.70
2.60
3.60
0.90
DO-15
Compact Technology
CTC0077 Ver. 3.0
1of 2
SB220 thru SB2200
SYMBOL
SB
220
SB
230
SB
240
SB
250
SB
260
SB
280
SB
2100
SB
2150
SB
2200
UNIT
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
100
150
200
V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70
105
140
V
Maximum DC blocking voltage
V
DC
20
30
40
50
60
80
100
150
200
V
Maximum average forward rectified current
I
F
A
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
Maximum Instantaneous Forward Voltage @ 2.0A
VF
0.87
0.90
V
Maximum DC Reverse Current @ TA=25°C
at Rated DC Blocking Voltage @ TA=100°C
Typical Junction Capacitance
C
J
pF
Typical Thermal Resistance
R JA
°C/W
Operating Temperature Range
TJ
°C
Storage Temperature Range
TSTG
°C
60
150
110
-55 to +125
-55 to +150
A
0.50
0.85
I
R
0.5
0.2
mA
-55 to +150
-55 to +150
0.70
80
70
PARAMETER
2.0
IFSM
50.0
5.0
10.0


Similar Part No. - SB280

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB280 PANJIT-SB280 Datasheet
41Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Transys Electronics
SB280 TRSYS-SB280 Datasheet
157Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Zowie Technology Corpor...
SB280 ZOWIE-SB280 Datasheet
45Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SB280 EIC-SB280 Datasheet
29Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
GOOD-ARK Electronics
SB280 GOOD-ARK-SB280 Datasheet
180Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB280

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
1N5391 CTC-1N5391 Datasheet
44Kb / 2P
PLASTIC SILICON RECTIFIERS (DO-15)
PR1501 CTC-PR1501_1 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIERS (DO-15)
SB220 CTC-SB220 Datasheet
68Kb / 2P
SCHOTTKY BARRIER RECTIFIERS (DO-41)
UF1501 CTC-UF1501 Datasheet
38Kb / 2P
ULTRA FAST RECTIFIERS (DO-15)
logo
SeCoS Halbleitertechnol...
SP1560 SECOS-SP1560 Datasheet
270Kb / 2P
15 Amp Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SR120 WILLAS-SR120 Datasheet
203Kb / 2P
1.0AMP SCHOTTKY BARRIER RECTIFIERS DO-41 PACKAGE
SR220 WILLAS-SR220 Datasheet
278Kb / 2P
2.0AMP SCHOTTKY BARRIER RECTIFIERS DO-41 PACKAGE
SR220-01 WILLAS-SR220-01 Datasheet
421Kb / 2P
2.0AMP SCHOTTKY BARRIER RECTIFIERS DO-15 PACKAGE
logo
Goodwork Semiconductor ...
SR1520D GWSEMI-SR1520D Datasheet
67Kb / 2P
15 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SP1560 SECOS-SP1560_15 Datasheet
270Kb / 2P
15 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com