Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7301 Datasheet(PDF) 21 Page - Pixart Imaging Inc.

Part # PAC7301
Description  PAC7302 VGA Output PC Camera SOC with Audio PAC7301 VGA Output PC Camera SOC without Audio
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7301 Datasheet(HTML) 21 Page - Pixart Imaging Inc.

Back Button PAC7301 Datasheet HTML 16Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 17Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 18Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 19Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 20Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 21Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 22Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 23Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 24Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
PixArt Imaging Inc.
PAC7301/PAC7302
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
21
PixArt Imaging Inc.
E-mail: fae_service@PixArt.com.tw
V1.4 Nov 2007
8.3.1 CSP Package (PAC7301LT, no MIC)
VDDMA5
A-A' (DN) and B-B'(DP)
路徑長度要相等且不要有交錯
C3
0.1uF
R12
Short
R11
0 or 3.3uH
R15
10K_N.M.
C4
10uF
C6
1uF
Open
.
VDDAY
C16
1uF
VDDMD5
VDDQ
R2
0
2628
VSSA
C15
10uF
Open
OSC_OUT
R7
1M
C17
1uF
Short
R14
10K_N.M.
Open
VDDAY M
L4
short
PID IO_TRAP
R1
300k
Open
262E
R17
0
R10
0 or 3.3uH
C13
1uF
B'
VDDA33
OSC_IN
C7
1uF
R18
0
Open
USB5V
L3
short
C1
1uF
U1
PAC7301LT
32
34
33
12
13
14
15
16
17
27
28
29
30
31
11
35
10
VDDMD5
DN
OSC_OUT
VDDA33
VSSQ
GPI1
VCOM
VDDAY
VDDAY M
VDDQ
OSC_IN
VSSA
EPR_EN
VSSQ
VDDMA5
DP
MIC_P
R15
VDDMD5
Open
EPR_SK
VDD_5V
C18
10pF
R20
1k
U3
KEY
.
VDDMA5
EPR_DI
.
Open
VSSQ
PID
VDDAY
R5
1.5K
A'
.
R6 27
R13
VDDQ
C12
20p
Open
R12
10K_N.M.
JP1
HEADER 1X5
1
2
3
4
5
2620
C14
0.1uF
OSC_OUT
Short
VDDAY M
Short
R8 27
R14
VDDAY
VDDD
Open
C8
1uF
DN
L1
3.3uH
D1
LED-0603
2621
Y1
12MHz
DNC
C10
0.1uF
(Def ault)
VDDMD5
DP
VDDA
EPR_CS
Short
.
C11
20p
Open
Short
DP
VDDA
Short
Short
VDDMA5
Short
VDD_5V
Open
VDDQ
PAC7301 PID IO_TRAP
VDDA33
DN
C5
10pF
L5
short
EPR_DO
R13
10K_N.M.
.
OSC_IN
262F
R19
100k
DPC
C9
0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com