Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7312 Datasheet(PDF) 11 Page - Pixart Imaging Inc.

Part # PAC7312
Description  VGA PC Camera Single-Chip with Audio
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7312 Datasheet(HTML) 11 Page - Pixart Imaging Inc.

Back Button PAC7312 Datasheet HTML 5Page - Pixart Imaging Inc. PAC7312 Datasheet HTML 6Page - Pixart Imaging Inc. PAC7312 Datasheet HTML 7Page - Pixart Imaging Inc. PAC7312 Datasheet HTML 8Page - Pixart Imaging Inc. PAC7312 Datasheet HTML 9Page - Pixart Imaging Inc. PAC7312 Datasheet HTML 10Page - Pixart Imaging Inc. PAC7312 Datasheet HTML 11Page - Pixart Imaging Inc. PAC7312 Datasheet HTML 12Page - Pixart Imaging Inc. PAC7312 Datasheet HTML 13Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PixArt Imaging Inc.
PAC7312
VGA PC Camera Single-Chip with Audio
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
11
PixArt Imaging Inc.
E-mail: fae_service@PixArt.com.tw
V1.5 Oct. 2005
6. Reference Application Circuit
6.1PLCCPackage(PAC7312PE)
VDDQ
R12
4.7K
R7
1M
R20 27 ohm
VDDAD
C10
1uF
VSSQ
VDD5V
VSSQ
R21 27 ohm
C15
0.1uF
+
C20
10uF
VSSQ
VSSA
R4
10k
C13
1uF
VSSQ
MIC
C4
47pF
VDDP
C26
10uF
VSSA
VDDP
L4 Short / 3.3uH
VSSA
C34
10uF
C33
0.1uF
Q2
2N3904
C24
10uF
XIN
R14
100k
C36
0.1uF
EPR_DI/TR1
R22
10M
R18
47
C35
4.7nF
CON1
MINI USB 5P
3
2
1
4
5
+
-
+5V
NC
GND2
DP
R9
1K
L1
3.3uH
L2
Open/3.3uH
L3 Short / 3.3uH
C8
1uF
VDD5V
VSSQ
R8
2k
VCM
LED
VRB
VDDAV
C29
0.1uF
X1
12MHz
VDDAD
C23
0.1uF
VDDAV
R11
4.7K
C16
100pF
VSSAY
VSSQ
+
C30
10uF
VDDQ
MIC
RST#
R19
1.5K
VSSA
C11
1uF
KEY
GPO/TR0
S1
KEY
C27
0.1uF
VDDQ
Q1
2N3904
C19
0.001uF
R17
10k
R1
10k
+
C18
22uF
VSSQ
C5
47pF
C12
1uF
R15
22K
C31
20pF
C1 1uF
R2
10k
X2
MICROPHONE
DN
C22
10uF
D1
LED
KEY
R13
1K
VSSQ
U1
PAC7312PE
1
2
3
4
5
19
21
22
23
24
25
26
27
28
29
30
43
44
45
46
47
48
6
20
NC
MIC
NC
VRB
VCM
NC
LED
NC
TEST2
EPR_EN
IOTRAP#
KEY#
NC
VSSQ
VDDD
PWR_5V
VDDQ
VDDP
VDDAD
VDDAV
VSSA
PWR_5V
NC
GPO/TR0
VDD5V
XOUT
VSSA
VDD5V
R5 1K
C25
0.1uF
+
C14
10uF
C9
1uF
C3
1uF
USBGND
C7
1uF
EPR_CK/TR3
VDDQ
VRB
VSSAY
R10
22K
VDDQ
VDD5V
VCM
VDDA
VDDQ
VRT
VDDAY
R6 51k
C28
10uF
C32
20pF
C6
1uF
+
C21
4.7uF
VSSAY
EPR_CS/TR2
C17
4.7uF
VSSQ
R16
27K
R3
10k
GPO/TR0
VDDD
LED
VDDD
C2
1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com