Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7302LT Datasheet(PDF) 23 Page - Pixart Imaging Inc.

Part # PAC7302LT
Description  PAC7302 VGA Output PC Camera SOC with Audio PAC7301 VGA Output PC Camera SOC without Audio
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7302LT Datasheet(HTML) 23 Page - Pixart Imaging Inc.

Back Button PAC7302LT Datasheet HTML 16Page - Pixart Imaging Inc. PAC7302LT Datasheet HTML 17Page - Pixart Imaging Inc. PAC7302LT Datasheet HTML 18Page - Pixart Imaging Inc. PAC7302LT Datasheet HTML 19Page - Pixart Imaging Inc. PAC7302LT Datasheet HTML 20Page - Pixart Imaging Inc. PAC7302LT Datasheet HTML 21Page - Pixart Imaging Inc. PAC7302LT Datasheet HTML 22Page - Pixart Imaging Inc. PAC7302LT Datasheet HTML 23Page - Pixart Imaging Inc. PAC7302LT Datasheet HTML 24Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
PixArt Imaging Inc.
PAC7301/PAC7302
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
23
PixArt Imaging Inc.
E-mail: fae_service@PixArt.com.tw
V1.4 Nov 2007
8.4 LGA Package (PAC7302LG)
CON1
MINI USB 5P
6
9
7
8
HC1
HC4
HC2
HC3
VDDPGA33
VDDADC33
VDDAY
R7
1M
VDD_5V
EPR_Enh
C10
0.1uF_N.M.
R26
5.1k
VDDD
C17
1uF
U3
KEY
C28
10uF
R6
10k
R27
0
VDDQ
C20
10uF_N.M.
VDDD
USBGND
VDD_5V
X1
MICROPHONE
D1
LED-0603
VDDAY
VDDQ
MIC_P
MIC_N
DP
L1
3.3uH
C31
10uF
R22
0
OSC_IN
VDDMIC28
C6
0.1uF
L3
short
VDDMD5
VDDADC33
VDDA33
C14
10uF
C25
1uF
C26
0.1uF_N.M.
+
C19
10uF
VCOM
OSC_OUT
C9
1uF
VSSQ
+
C32
22uF
VDDMD5
C22
0.1uF
VDDA
VDDQ
C27
10uF_N.M.
C5
10pF
L2
3.3uH
C23
0.1uF
C7
10uF
C1
1uF
VDDMA5
R4
0
C12
0.1uF
C3
10pF
C30
0.1uF_N.M.
C21
10uF_N.M.
R10
27
USBGND
R19
0 or 3.3uH
VDDMD5
R16
10M
C13
1uF
C2
2.2uF
U2
PAC7301/7302LG
4
3
2
1
24
23
22
21
20
19
18
17
16
8
7
6
5
MIC_N
VSSA_AUDIO
VDDADC33
GPO1
EPR_EnH
VSSD
VDDD
VDDMD5
VDDQ
OSC_OUT
OSC_IN
DN
DP
VDDPGA33
VCOM
VDDMIC28
MIC_P
C8
1uF
VDDAY M
VDDPGA33
GPO1
Y1
12MHz
C4
2.2uF
R8
2.2k
R2
300k
VDDA
R11
1.5K
C11
22uF
R18
0 or 3.3uH
R28
100k
DN
VDDMIC28
C29
4.7nF/250V
0
R1
1k
C18
1uF
R5
10k
DP
VSSA
R3
2.2k
VDDMA5
R9
27
C24
10uF
L4
short



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com