Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7312CS Datasheet(PDF) 12 Page - Pixart Imaging Inc.

Part # PAC7312CS
Description  VGA PC Camera Single-Chip with Audio
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7312CS Datasheet(HTML) 12 Page - Pixart Imaging Inc.

Back Button PAC7312CS Datasheet HTML 5Page - Pixart Imaging Inc. PAC7312CS Datasheet HTML 6Page - Pixart Imaging Inc. PAC7312CS Datasheet HTML 7Page - Pixart Imaging Inc. PAC7312CS Datasheet HTML 8Page - Pixart Imaging Inc. PAC7312CS Datasheet HTML 9Page - Pixart Imaging Inc. PAC7312CS Datasheet HTML 10Page - Pixart Imaging Inc. PAC7312CS Datasheet HTML 11Page - Pixart Imaging Inc. PAC7312CS Datasheet HTML 12Page - Pixart Imaging Inc. PAC7312CS Datasheet HTML 13Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
PixArt Imaging Inc.
PAC7312
VGA PC Camera Single-Chip with Audio
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
12
PixArt Imaging Inc.
E-mail: fae_service@PixArt.com.tw
V1.5 Oct. 2005
6.2CSPPackage(PAC7312CS)
C22
10uF
C6
1uF
VSSAY
C3
1uF
C8
1uF
VDDD
R18
47
VDD5V
C34
10uF
KEY
GPO/TR0
R11
4.7K
L1
3.3uH
C16
100pF
R13
1K
VDDAY
C4
47pF
R17
10k
R8
2k
C24
10uF
C32
20pF
C11
1uF
VDDP
C27
0.1uF
C33
0.1uF
+
C18
22uF
+
C20
10uF
C28
10uF
VSSQ
KEY
C9
1uF
C12
1uF
VCM
R21 27 ohm
VRB
R22
10M
VSSA
Q1
2N3904
VSSAY
VSSA
VSSA
CON1
MINI USB 5P
3
2
1
4
5
+
-
+5V
NC
GND2
GPO/TR0
C7
1uF
R20 27 ohm
VSSQ
VDD5V
RST#
R16
27K
VSSQ
C26
10uF
XOUT
+
C30
10uF
R9
1K
R3
10k
C25
0.1uF
C31
20pF
VRB
LED
R1
10k
EPR_DI/TR1
VDD5V
VRT
C36
0.1uF
L3 Short / 3.3uH
C19
0.001uF
VDDAD
VCM
R15
22K
VSSAY
LED
VDDQ
R2
10k
VSSQ
D1
LED
VDDQ
VSSQ
VDDQ
C35
4.7nF
USBGND
VDDQ
XIN
U1
PAC7312CS
1
2
3
14
15
16
17
18
19
20
21
22
32
33
34
35
36
37
MIC
VRB
VCM
GPO/TR0
LED
EPR_EN
IOTRAP#
KEY#
NC
VSSQ
VDDD
PWR_5V
VDDQ
VDDP
VDDAD
VDDAV
VSSA
PWR_5V
C5
47pF
VSSQ
L2
Open/3.3uH
X2
MICROPHONE
R5 1K
VDDAV
EPR_CS/TR2
C1 1uF
VSSA
DP
C29
0.1uF
VSSQ
R14
100k
S1
KEY
VDDD
R12
4.7K
MIC
VDDAV
C15
0.1uF
VDDA
VSSQ
R10
22K
R6 51k
VDDQ
MIC
+
C21
4.7uF
Q2
2N3904
C13
1uF
R4
10k
DN
VDDAD
C23
0.1uF
VDDP
C2
1uF
R19
1.5K
VDDQ
R7
1M
VDD5V
EPR_CK/TR3
X1
12MHz
VDD5V
VSSA
C17
4.7uF
+
C14
10uF
C10
1uF
L4 Short / 3.3uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com