Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAN3101 Datasheet(PDF) 21 Page - Pixart Imaging Inc.

Part # PAN3101
Description  LOW COST CMOS OPTICAL MOUSE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3101 Datasheet(HTML) 21 Page - Pixart Imaging Inc.

Back Button PAN3101 Datasheet HTML 14Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 15Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 16Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 17Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 18Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 19Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 20Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 21Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 22Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
PixArt Imaging Inc.
PAN3101
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
21
PixArt Imaging Inc.
E-mail:
fae_service@pixart.com.tw
V1.0 MAR. 2005
7. Package Information
7.1 Package Outline Drawing
1.0
0.039
12
3
4
9.9
0.390
0.46
0.018
2.0
0.078
0.80
0.031
5.6
0.220
4.55
0.179
5.0
0.196
1.42
0.056
9.1
0.358
5.15
0.203
1.0
0.039
0.25
0.010
3.18
0.125
12.35
0.486
NOTES:
1. All dimensions in MM/INCH.
2. All dimensions tolerance: +/- 0.10mm
3. Maxmumflash: +0.2mm
4. Angular tolerance: +/- 3.0degress
5 - 12
2.0
0.078
1.01
0.040
4.45
0.175
12
3
4
PAN3101
xxxxxxx
87
6
5
8
76
5
Figure 15. Package outline drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com