Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAN3201DH Datasheet(PDF) 21 Page - Pixart Imaging Inc.

Part # PAN3201DH
Description  LOW POWER CMOS OPTICAL MOUSE SENSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3201DH Datasheet(HTML) 21 Page - Pixart Imaging Inc.

Back Button PAN3201DH Datasheet HTML 17Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 18Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 19Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 20Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 21Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 22Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 23Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 24Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 25Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
PixArt Imaging Inc.
PAN3201DH
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
21
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Mar. 2006
8.3 1.8V Application Circuit (with IR LED)
SW2
R1
C3
22uF
BAT_3.0V
IR_1.8V
C5
0.1uF
RKEY
X2
18.432MHz
C14
1uF
R2
30K
ENSW1
ENCODER
Z2
Z1
COM
C8
0.1uF
JP1
X1
6MHz
S1
C1
47uF
C24
1u
U4
PAN3201DH
13
14
17
15
20
1
4
12
10
7
6
18
19
5
2
3
11
8
9
16
XA
XB
SWKINT
CPI
PD
VSS_LED
OSCIN
YB
VREF
VSSA
VSSD
SCLK
SDIO
VDDD
LED
OSCOUT
YA
VDD
VDDA
NC
MKEY
PD
IR_1.8V
SCLK
RFEN
C4
22uF
VCC_1.8V
VCC_1.8V
VCC_1.8V
B. Regulator
RKEY
SW1
VCC_1.8V
RESET
U1
ELM9318
VOUT
SW
SWKINT
C11
1uF
SCLK
Q1
3904
Z2
LKEY
RFDATA
C21
100pF
Optional power source: A or B
Pin15(CPI)
control
state
SDIO
+
C12
10uF
C13
0.1uF
SDIO
C23
0.1u
D2 1N5819
#1. Battery Power Circuit
C22
1uF
JP1,
JP2
open,
short
=> GND (800CPI)
short, open
=> VCC (600CPI)
open,
open
=> Floating (400CPI)
X3
13.5225MHz
C20
0.1uF
C2
100uF
R10
56K
VCC_1.8V
C17
10pF
BAT_1.5V
PD
#3. Sensor Circuit
IR_1.8V
C9
30pF
R8
2K
C18
27pF
R6
100K
VCC_1.8V
R7
36K
Q3
3904
GND
#4. RF TX Circuit
VIN PAD
U2
ELM9818
C7 15pF
VCC_1.8V
IDSYNC
IDSYNC
MKEY
Z1
L1
220uH
#2. MCU Circuit
LKEY
Q2
3904
RFEN
R5
10K
VCC_1.8V
C25
100pF
C15
0.1uF
R4
27K
R3
20K
C10 30pF
SW3
Z2
C6 15pF
A. DC/DC Converter
VCC_1.8V
RFDATA
Z1
D1
LED
JP2
C16
0.1uF
U3
MCU
1
2
3
4
5
6
7
8
9
10
18
17
16
15
14
13
12
11
P52
P53
TCC
/RESET
VSS
P60./INT
P61
P62
P63
P64
P51
P50
OSCI
OSCO
VDD
P67
P66
P65
SWKINT
C19
33pF
R9 10R
C26
100p
Figure16. Application Circuit for 1.8V (with IR LED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com