Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAP7501V Datasheet(PDF) 11 Page - Pixart Imaging Inc.

Part # PAP7501V
Description  USB2.0 PC Camera Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAP7501V Datasheet(HTML) 11 Page - Pixart Imaging Inc.

Back Button PAP7501V Datasheet HTML 4Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 5Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 6Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 7Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 8Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 9Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 10Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 11Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 12Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PixArt Imaging Inc.
PAP7501V
USB2.0 Camera
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
11
PixArt Imaging Inc.
E-mail: fae_service@PixArt.com.tw
V1.1 May. 2008
5. Reference Application Circuit
5.1PAP7501withPAS6311
C4
0.1u
USB_5V
C35
1uF_N.M.
USB_5V
X1
MICROPHONE
VDD28A_MIC
VDD33A_PLL_I
VDD33A_PLL_I
EPR_SCK
VDD33Q
R14
10k
VCOM
C22
2.2u
C34
1uF_N.M.
VDD33Q
R1
100k
VDD28A_MIC
C28
1uF_N.M.
EPR_HOLD
I_PXD6
R11
100k
VCOM
VDD5MA
VDD33Q
EPR_SO
VDD33A_HSRT_I
I_PXD7
C15
22u
C13
22u
VSSV
RSTN
WP
C33
0.47uF_N.M.
C18
0.01u
L1
3.3u
1
2
C27
0.1u
R5
5.1k
U3
25F512A
1
2
3
4
8
7
6
5
CS
SO
WP
GND
VCC
HOLD
SCK
SI
VDDQ
U2
PAP7501_48P
32
33
34
35
5
6
7
8
9
10
11
12
26
27
28
29
30
31
4
1
3
25
36
2
I_PXD1
I_PXD0
I_PXCLK
VDD5MD
MIC_P
MIC_N
VDD33A_PGA
VSSA
VDD33A_ADC
VSSQ
RSTN
SEN_CSB
I_PXD7
I_PXD6
I_PXD5
I_PXD4
I_PXD3
I_PXD2
VCOM
GND33A_PLL_I
VDD28A_MIC
EPR_SCK
VDDAY S
VDD5MA
C31
1u
R2
10M
VDD28A_MIC
C10
10pF
R3
1M
MIC_P
C21
1u
VSSQ
VDD33Q
SEN_SCL
C1
1u
R13
100k
I_PXD6
CON1
MINI USB 5P
6
9
7
8
HC1
HC4
HC2
HC3
C6
1u
SEN_CLK
RESET
Note: xx_N_M=> No Mount
VCOM
VDD33A_HSRT_O
VDD33A_HSRT_O
C30
0.1u
C3
0.1u
I_PXD0
VSSA
R16
100k
VDDA
C17
10u
I_PXD4
I_PXD7
VDDQ
R9
2.2k
C9
4.7nF/250V
VDD5MA
GND
L3
3.3uH
VDD18K
C29
1u
VDD5MV
VDD33Q
C25
20pF_N.M.
VSSA
C20
1u
RESET
C12
20pF_N.M.
EPR_SI
C26
10u
I_PXD3
I_PXD5
SEN_CSB
C2
1u
VDD5MD
EPR_CSB
SEN_CLK
VDDA
C23
2.2u
R6
2.2k
EPR_HOLD
R10
100k
C16
0.1u
I_PXD2
R7
10k
I_PXCLK
VDD33Q
C11
10pF
I_PXD1
U4
KEY
VDDAY S
VDD33A_HSRT_I
GPIO_4
C5
1u
VDD33A_ADC
MIC_N
SEN_CSB
C7
4.7u
C32
0.47uF_N.M.
C8
0.1u
L4
3.3u
1
2
PAS6311LT
U1
D5
E4
C4
E5
B5
E2
E1
D1
A4
B4
A2
A1
CSB
SCL
VSSA
SDA
VDDA
SY SCLK
RESET
VSSD
PX9
PX8
PX1
PX0
C14
20pF_N.M.
EPR_SCK
C24
1uF
R8
10k
R12
300k
VDD5MD
C19
22u
VDDAY S
VDDA
USB_SHADING
VDD5MD
L2
3.3u
1
2
D1_Green
LED-0603
R4
12k
Y 1 12MHz
VDD33A_ADC
R17
1K
VDDAY
VDD5MV
R15
10k
VDD5MA
I_PXCLK
WP
SEN_SDA
VDD33A_PGA
SEN_CSB
USB_SHADING
VDD33A_PGA
VDDAY S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com