Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS202BBB Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAS202BBB
Description  PAS202BCB SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBB SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS202BBB Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAS202BBB Datasheet HTML 1Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 2Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 3Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 4Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 5Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 6Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 7Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 8Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PixArt Imaging Inc.
PAS202BCB/PAS202BBB
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
2
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V2.0, May 2002
1. Pin Assignment
PIN No.
PIN NAME
Type
Definition
1
VSSAY
GND
Analog ground
2
VLRST
BIAS
Fixed bias input voltage, 1.65V
3
PXD<9>
OUT
Digital data output
4
PXD<8>
OUT
Digital data output
5
PXD<7>
OUT
Digital data output
6
PXD<6>
OUT
Digital data output
7
PXD<5>
OUT
Digital data output
8
VDDQ
PWR
Digital VDD, 3.3V
9
VSSQ
GND
Digital ground
10
PXD<4>
OUT
Digital data output
11
PXD<3>
OUT
Digital data output
12
PXD<2>
OUT
Digital data output
13
PXD<1>
OUT
Digital data output
14
PXD<0>
OUT
Digital data output
15
SYSCLK
IN
Master clock input
16
PXCLK
OUT
Pixel clock output
17
HSYNC
OUT
Horizontal Synchronization clock
18
VSYNC
OUT
Vertical Synchronization clock
19
SCL
IN
I2C clock
20
SDA
I/O
I2C bi-directional data
21
VDDD
PWR
Digital VDD, 3.3V
22
VSSD
GND
Digital ground
23
CSB
IN
Chip select
24
VCM
BYPASS
Analog voltage reference
25
VRT
BYPASS
Analog voltage reference
26
VRB
BYPASS
Analog voltage reference
27
VSSA
GND
Analog ground
28
VDDA
PWR
Analog VDD, 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com