Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAW3101DB Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # PAW3101DB
Description  CMOS OPTICAL MOUSE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3101DB Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button PAW3101DB Datasheet HTML 9Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 10Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 11Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 12Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 13Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 14Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 15Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 16Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 17Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
PixArt Imaging Inc.
PAW3101DB
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
13
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.1 May. 2008
4.4 DC Electrical Characteristics
Electrical Characteristics over recommended operating conditions. Typical values at 25 °C, VDD = 5.0 V, FCLK =
18.432 MHz
Symbol
Parameter
Min.
Typ. Max. Unit
Type: PWR
IDD
Supply Current
Mouse Moving (Normal)
10
mA SCLK, SDIO = no load
IDD
Supply Current
Mouse Not Moving (Sleep1)
5
mA
IDDPD
Supply Current
(Power Down)
100
uA SCLK, SDIO = high
Type: SCLK, SDIO
VIH
Input Voltage HIGH
2.0
VIL
Input Voltage LOW
0.7
V
VOH Output Voltage HIGH
2.4
V
@I OH = 2mA (SDIO only)
VOL Output Voltage LOW
0.6
V
@I OL = 2mA (SDIO only)
Type: OSCIN
VIH
Input Voltage HIGH
2.0
V
When driving from an external source
VIL
Input Voltage LOW
0.7
V
When driving from an external source
Type: LED
VOL Output Voltage LOW
150
mV @I OL = 25mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com