Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAW3102DB Datasheet(PDF) 21 Page - Pixart Imaging Inc.

Part # PAW3102DB
Description  HIGH RESOLUTION CMOS OPTICAL MOUSE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3102DB Datasheet(HTML) 21 Page - Pixart Imaging Inc.

Back Button PAW3102DB Datasheet HTML 14Page - Pixart Imaging Inc. PAW3102DB Datasheet HTML 15Page - Pixart Imaging Inc. PAW3102DB Datasheet HTML 16Page - Pixart Imaging Inc. PAW3102DB Datasheet HTML 17Page - Pixart Imaging Inc. PAW3102DB Datasheet HTML 18Page - Pixart Imaging Inc. PAW3102DB Datasheet HTML 19Page - Pixart Imaging Inc. PAW3102DB Datasheet HTML 20Page - Pixart Imaging Inc. PAW3102DB Datasheet HTML 21Page - Pixart Imaging Inc. PAW3102DB Datasheet HTML 22Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
PixArt Imaging Inc.
PAW3102DB
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
21
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.2, April. 2008
8. Package Information
8.1 Package Outline Drawing
1.0
0.039
12
3
4
9.9
0.390
0.46
0.018
2.0
0.078
0.80
0.031
4.55
0.179
5.0
0.196
Max. 0.1
Max. 0.004
9.1
0.358
5.15
0.203
1.0
0.039
0.25
0.010
3.18
0.125
12.60 +/-0.2
0.496
NOTES:
1. All dimensions in MM/INCH.
2. All dimensions tolerance: +/- 0.10mm
3. Maxmumflash: +0.2mm
4. Angular tolerance: +/- 3.0degress
Max. 12
2.0
0.078
1.01
0.040
4.45
0.175
1
234
PAW3102 DB
xxxxxxx
87
6
5
8
76
5
1.42
0.056
Figure 14. Package Outline Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com