Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAW3204 Datasheet(PDF) 21 Page - Pixart Imaging Inc.

Part # PAW3204
Description  LOW COST WIRELESS MOUSE SENSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3204 Datasheet(HTML) 21 Page - Pixart Imaging Inc.

Back Button PAW3204 Datasheet HTML 17Page - Pixart Imaging Inc. PAW3204 Datasheet HTML 18Page - Pixart Imaging Inc. PAW3204 Datasheet HTML 19Page - Pixart Imaging Inc. PAW3204 Datasheet HTML 20Page - Pixart Imaging Inc. PAW3204 Datasheet HTML 21Page - Pixart Imaging Inc. PAW3204 Datasheet HTML 22Page - Pixart Imaging Inc. PAW3204 Datasheet HTML 23Page - Pixart Imaging Inc. PAW3204 Datasheet HTML 24Page - Pixart Imaging Inc. PAW3204 Datasheet HTML 25Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
PixArt Imaging Inc.
PAW3204DB
Wireless Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
21
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.0, Apr. 2008
8. Referencing Application Circuit
8.1 Power Supply at 2.7V Application Circuit (with Red LED, 2.4GHz Transceiver)
C6
1uF
EPSD
R1
VCC_2.7V
BAT_1.5V
RKEY
IDSYNC
MKEY
C10
10nF
+
C7
10uF
RESET
U4
PAW3204DB
2
6
4
3
5
7
8
1
MOTSWK
VSS
SCLK
SDIO
LED
VDD
VDDA
OSC_RES
C15
4.7pF
IRQ
R5
270K
U1
ELM9327
VOUT
SW
L3
8.2nH
C5
1uF
S1
R4
CE
C1
47uF
X2*
16MHz
C16*
1
2
C18
0.1uF
U2
EEPROM
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
CS
SDIO
Z1
Z2
SW3
MOSI
C9
33nF
1
2
VCC_2.7V
C14
2.2nF
C17*
1
2
(Reference only)
EPSD
L1
220uH
R6
4.7k
C8
0.1uF
IRQ
*X2 for +/-60ppm, CL = 12pF
*C16 and C17 must have values that match the
crystals load capacitance CL
VCC_2.7V
Z1
R9
1M
C3
15PF
C2
47uF
nRF24L01 notes
VCC_2.7V
C13
1pF
MOTSWK
#3. Sensor Circuit
PAW3204 external resistor notes
MISO
U3
MCU
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PB5
PB4
PA3
PA2
PA1
PA0
PB3
PB2
PB1
PB0
VSS
PC1
PC2
PC3
PB6
PB7
PA4
PA5
PA6
PA7
OSC2
OSC1
VDD
RESET
PC7
PC6
PC5
PC4
MOSI
IDSYNC
CS
*Note that 2.7V application, R4 use 34.8K ohm +/- 1%
*Note that 1.8V application, R4 use 36K ohm +/- 1%
CE
L4
2.7nH
1
2
VCC_2.7V
C12
1.5pF
1
2
U5
nRF24L01
1
2
3
4
5
11
12
13
14
15
CE
CSN
SCK
MOSI
MISO
VDD_PA
ANT1
ANT2
VSS
VDD
LKEY
SCK
Antenna
VCC_2.7V
R8
22K
SCLK
LED_2.7V
D1 1N5819
SCK
SCLK
SW1
DC/DC Converter
C11
1nF
LED_2.7V
MOTSWK
#4. RF TX Circuit
SCK
RKEY
SW2
MKEY
LKEY
#2. MCU Circuit
C4 15PF
VCC_2.7V
SDIO
MISO
R7
20K
X1 6MHZ
D2 LED
ENSW1
ENCODER
Z2
Z1
COM
#1. Battery Power Circuit
L2
3.9nH
1
2
Z2
Figure 14. Application Circuit for 2.7V (with Red LED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com