Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAW3601DH Datasheet(PDF) 21 Page - Pixart Imaging Inc.

Part # PAW3601DH
Description  laser diode form a complete and compact laser mouse tracking system
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3601DH Datasheet(HTML) 21 Page - Pixart Imaging Inc.

Back Button PAW3601DH Datasheet HTML 17Page - Pixart Imaging Inc. PAW3601DH Datasheet HTML 18Page - Pixart Imaging Inc. PAW3601DH Datasheet HTML 19Page - Pixart Imaging Inc. PAW3601DH Datasheet HTML 20Page - Pixart Imaging Inc. PAW3601DH Datasheet HTML 21Page - Pixart Imaging Inc. PAW3601DH Datasheet HTML 22Page - Pixart Imaging Inc. PAW3601DH Datasheet HTML 23Page - Pixart Imaging Inc. PAW3601DH Datasheet HTML 24Page - Pixart Imaging Inc. PAW3601DH Datasheet HTML 25Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
PixArt Imaging Inc.
PAW3601DH
CMOS Laser Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
21
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V2.2, Aug. 2007
8. Referencing Application Circuit
8.1 Recommended Typical Application Using Serial Interface
R5
1K
=> Used 0 ohm
=> Please reserved for PAN3602 eye
safety test
*CPI1
OPEN / 0R
*C18
OPEN
DIR1
1N4148
R3 100K
*C14
OPEN
SCANIN0
*R15, *R21, *R23, C17
USB_5V
LED1 400CPI
Please placement the C1, C2 near the
PIN17(VDD).
*CPI2
R1.4
W+(-->)1
SCLK
C8
15P
C6
10pF
C10 10pF
KEY1
100K
PAW3601 USED 3.3V POWER
*R15 OPEN
*R23 OPEN
*TP2
TEST POINT
1
PAW3601 CPI SETTING
R13
100R
SENSOR DIRECTION
KEY1
D1
1N4148
C11 1nF
0R
KEY SETTING
*TP3
TEST POINT
1
R16
0R
D6
1N4148
LED2 800CPI
R10
12R
VCC_5V
U2
MosArt MA6721
5
12
13
19
20
1
8
4
21
2
15
16
10
24
9
3
11
6
22
23
18
17
14
7
SCANOUT1
D+
D-
OSCI
OSCO
SCANOUT2
SDIO
SCLK
Z1
SCANIN0
VD1
VSS
RESET
SCANIN1
SPWR
Z2
VSSA
SCANIN2
VD2
NCS
VPP
VDD
VDDA
SCANOUT0
0R
ON
+
C15
10uF
+
C5
10uF
R7
0R
C16
0.1uF
C4
0.1uF
D7
LD
SDIO
OPEN
RB1
MB1
SCANOUT2
OPEN
PAW3601 USED 5.0V POWER
VCC_5V
*TP1, *TP2, *TP3, *TP4, *TP5
Resolution
MA6721 KEY SETTING
Q1
2N3906
NCS
X2
27.000MHz
R1.5
U1 ELM9833
1
2
VIN VOUT
=> OPEN
OPEN
SCANIN0
ON
LED3 1600CPI
*R17
OPEN
L1
BEAD
*R24 0R
*TP5
TEST POINT
1
R1.2
+
C3
100uF
SCANOUT0
NCS
D4
1N4148
SDIO
90 DEGREE
D3
1N4148
*TP1
TEST POINT
1
SCANIN2
C2
47uF
*R19
0R
*R22
0R
=> OPEN
DPI-1
*R21
OPEN
SCANIN2
DIR1
*R20
OPEN
R12
240K
VCC_5V
*R1
OPEN
SCANOUT2
JP1
USB
1
2
3
4
5
V
D+
D-
G
S
VCC_3.3V
BB1
R6
1K
C9
15P
L2
2uF
R1.6
5 Key
*R14, *R19, *R22, *R24
VCC_3.3V
=> Please reserved for future use
VCC_5V
SCANOUT0
*R14 0R
MA6721 DIR SETTING
=> Used 0 ohm
R9
12R
*CPI2
0R / OPEN
OPEN
VDD
R1.1
U3
PAW3601DH
13
14
17
15
20
1
4
12
10
7
6
18
19
5
2
3
11
8
9
16
XA
XB
CPI
NC
PD
VSS_LD
OSCIN
YB
NC
VSSA
VSSD
SCLK
SDIO
VDDD
LD
OSCOUT
YA
VDD
VDDA
NC
SCANIN1
0 DEGREE
X1
48MHz
DPI+1
SCANOUT1
SCLK
*CPI1
FB1
VDD
VCC_3.3V
R25
100R
MA6721 PCB LAYOUT NOTE
*R15, *R21, *R23
*TP4
TEST POINT
1
C17
1u
LB1
SCLK
PAW3601 RESERVED FUNCTION
R1.3
W-(<--)1
R8 100R
*C13 OPEN
*R14, *R19, *R22, *R24
SCANIN1
SCANOUT1
1600 CPI
C1
47uF
*C12 OPEN
3 Key
VCC_5V
R4 100K
R18
0R
800
CPI
R11
240K
*R1, *R17, *R20, *C12, *C13, *C14, *C18
R2 100K
ENSW1
ENCODER
Z2
Z1
COM
SDIO
D2
1N4148
C7
0.1uF
D5
1N4148
Figure 18. Application Circuit Using Serial Interface with MosArt MA6721 (Full Speed USB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com