Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAW3602DH Datasheet(PDF) 21 Page - Pixart Imaging Inc.

Part # PAW3602DH
Description  CMOS LASER MOUSE SENSOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3602DH Datasheet(HTML) 21 Page - Pixart Imaging Inc.

Back Button PAW3602DH Datasheet HTML 17Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 18Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 19Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 20Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 21Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 22Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 23Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 24Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 25Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
PixArt Imaging Inc.
PAW3602DH
CMOS Laser Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
21
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Jun. 2007
8.3 Typical Application for Wireless Laser Mouse, Power Source from Pin 5 & 9
VCC_3.3V
Z1
C15
10pF
The frequency of "*X3" must
be the same as RF frequency
R_KEY
U2
8bits MCU
1
2
3
4
5
6
7
8
9
10
18
17
16
15
14
13
12
11
P52
P53
TCC
RESET
VSS
P60/INT
P61
P62
P63
P64
P51
P50
OSCI
OSCO
VDD
P67
P66
P65
C5
0.1uF
ENSW1
ENCODER
Z2
Z1
COM
C17
33pF
C7
1uF
VCC_3.3V
SCLK
D2
LD
D1
1N5819
X1
6MHz
RF_DATA
U1
ELM9333
VOUT
SW
R5
36K
R4
27K
=> Please reserved for PAW3602 eye
safety test
M_KEY
*TP5
TEST POINT
1
C12
100pF
VCC_3.3V
L1
330uH
R_KEY
BAT_PWR
C2
100uF
*TP1, *TP2, *TP3, *TP4, *TP5
C16 100pF
Note: The suggested resistor tolerance
RF_EN
S1
RFU
X2
13.5225MHz
C4 15pF
L_KEY
C3
15pF
PAW3602 CPI SETTING
PD
PAW3602 RESERVED FUNCTION
*TP2
TEST POINT
1
CPI1
OPEN / 0R
C6
0.1uF
800CPI
R6
56K
ID_SYNC
C1
47uF
+
C20
10uF
C9
1uF
C14
27pF
1600CPI
VCC_3.3V
R13
0R
0R
R15
30K
*TP3
TEST POINT
1
R1
SW3
M_KEY
*C18 OPEN
R7
100K
+
C23
1uF
OPEN
VCC_3.3V
R8
10K
*TP4
TEST POINT
1
R2
20K
Resolution
SDIO
SW2
L_KEY
C8
0.1uF
VCC_3.3V
Z2
#4.Sensor Circuit
RF_DATA
*X3
27.045MHz
CPI1
C11
0.1uF
#3.RF TX Circuit
SW1
0R
#1. Battery Power Circuit
Q3
3904
SCLK
Q1
3904
U3
PAW3602DH
13
14
17
15
20
1
4
12
10
7
6
18
19
5
2
3
11
8
9
16
XA
XB
NC
CPI
PD
LD_P
OSCIN
YB
LDRES
VSSA
VSSD
SCLK
SDIO
VDDD
LD_N
OSCOUT
YA
VDD
VDDA
LDTEST
PD
SDIO
VCC_3.3V
VCC_3.3V
RF_EN
CPI2
+
C14
1uF
*TP1
TEST POINT
1
C13
100pF
is 1% precise resistor for R1
*C19 OPEN
=> Please reserved for future use
R9
2K
OPEN
R3
10ohm
Q2
3904
C10
0.1uF
C21
0.1uF
*C18, *C19
Z2
ID_SYNC
Z1
CPI2
0R / OPEN
#2.MCU Circuit
Figure 18. RF application circuit using pin 5 & 9 for power supply source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com