Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAW3602DH-NF Datasheet(PDF) 21 Page - Pixart Imaging Inc.

Part # PAW3602DH-NF
Description  CMOS LASER MOUSE SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3602DH-NF Datasheet(HTML) 21 Page - Pixart Imaging Inc.

Back Button PAW3602DH-NF Datasheet HTML 17Page - Pixart Imaging Inc. PAW3602DH-NF Datasheet HTML 18Page - Pixart Imaging Inc. PAW3602DH-NF Datasheet HTML 19Page - Pixart Imaging Inc. PAW3602DH-NF Datasheet HTML 20Page - Pixart Imaging Inc. PAW3602DH-NF Datasheet HTML 21Page - Pixart Imaging Inc. PAW3602DH-NF Datasheet HTML 22Page - Pixart Imaging Inc. PAW3602DH-NF Datasheet HTML 23Page - Pixart Imaging Inc. PAW3602DH-NF Datasheet HTML 24Page - Pixart Imaging Inc. PAW3602DH-NF Datasheet HTML 25Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
PixArt Imaging Inc.
PAW3602DH-NF
CMOS Laser Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
21
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Jun. 2007
8.3 Typical Application for Wireless Laser Mouse, Power Source from Pin 5 & 9
R_KEY
*TP5
TEST POINT
1
C8
0.1uF
Resolution
#4.Sensor Circuit
*TP4
TEST POINT
1
*X3
27.045MHz
Z1
#3.RF TX Circuit
SDIO
VCC_3.3V
Note:The suggested resistor tolerance
R_KEY
C10
0.1uF
SW2
#1. Battery Power Circuit
VCC_3.3V
CPI1
*C19 OPEN
C7
1uF
U3
PAW3602DH-NF
13
14
17
15
20
1
4
12
10
7
6
18
19
5
2
3
11
8
9
16
XA
XB
NC
CPI
PD
LD_P
OSCIN
YB
LDRES
VSSA
VSSD
SCLK
SDIO
VDDD
LD_N
OSCOUT
YA
VDD
VDDA
LDTEST
M_KEY
C15
10pF
C21
0.1uF
0R
R8
10K
S1
Q1
3904
C13
100pF
U1
ELM9333
VOUT
SW
D2
LD
VCC_3.3V
R13
0R
*TP1
TEST POINT
1
CPI2
L_KEY
C6
0.1uF
C5
0.1uF
RF_EN
is 1% precise resistor for R1
R9
2K
#2.MCU Circuit
R1
CPI2
0R / OPEN
SDIO
*TP3
TEST POINT
1
OPEN
+
C20
10uF
=> Please reserved for future use
X2
13.5225MHz
R3
10ohm
ENSW1
ENCODER
Z2
Z1
COM
ID_SYNC
*TP2
TEST POINT
1
BAT_PWR
PAW3602 CPI SETTING
*C18, *C19
C12
100pF
C3
15pF
C16 100pF
C4 15pF
C1
47uF
VCC_3.3V
M_KEY
800CPI
C11
0.1uF
R6
56K
The frequency of "*X3" must
be the same as RF frequency
ID_SYNC
RFU
+
C23
1uF
Q2
3904
R5
36K
R4
27K
U2
8bits MCU
1
2
3
4
5
6
7
8
9
10
18
17
16
15
14
13
12
11
P52
P53
TCC
RESET
VSS
P60/INT
P61
P62
P63
P64
P51
P50
OSCI
OSCO
VDD
P67
P66
P65
1600CPI
VCC_3.3V
L1
330uH
C14
27pF
SW1
*C18 OPEN
R7
100K
=> Please reserved for PAW3602 eye
safety test
L_KEY
C2
100uF
CPI1
OPEN / 0R
C17
33pF
R2
20K
RF_DATA
RF_EN
SCLK
*TP1, *TP2, *TP3, *TP4, *TP5
Z2
VCC_3.3V
Z2
R15
30K
PAW3602 RESERVED FUNCTION
C9
1uF
X1
6MHz
Z1
SCLK
+
C14
1uF
SW3
PD
0R
PD
RF_DATA
Q3
3904
OPEN
VCC_3.3V
D1
1N5819
VCC_3.3V
Figure 18. RF application circuit using pin 5 & 9 for power supply source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com