Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAW3603DH Datasheet(PDF) 21 Page - Pixart Imaging Inc.

Part # PAW3603DH
Description  LOW POWER WIRELESS LASER MOUSE SENSOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3603DH Datasheet(HTML) 21 Page - Pixart Imaging Inc.

Back Button PAW3603DH Datasheet HTML 17Page - Pixart Imaging Inc. PAW3603DH Datasheet HTML 18Page - Pixart Imaging Inc. PAW3603DH Datasheet HTML 19Page - Pixart Imaging Inc. PAW3603DH Datasheet HTML 20Page - Pixart Imaging Inc. PAW3603DH Datasheet HTML 21Page - Pixart Imaging Inc. PAW3603DH Datasheet HTML 22Page - Pixart Imaging Inc. PAW3603DH Datasheet HTML 23Page - Pixart Imaging Inc. PAW3603DH Datasheet HTML 24Page - Pixart Imaging Inc. PAW3603DH Datasheet HTML 25Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
PixArt Imaging Inc.
PAW3603DH
CMOS Laser Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
21
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Aug. 2007
9.2 1.8V Application Circuit
SW3
R6
56K
M_KEY
C5
0.1uF
Z2
L2
220uH
D2
LD
1600 CPI
BAT_PWR
L_KEY
VR1
C3305-B100R
SDIO
#4.Sensor Circuit
3. VR1 is C3305 100ohm VR for JAY WEI INDUS.
D3
1N5819
Q2
3904
R5
36K
C27
100uF
R3
10ohm
PAW3603 CPI SETTING
RF_EN
Z2
#3.RF TX Circuit
X1
6MHz
R11
30K
*R14
SHORT
to use 1% precise resistor
VCC_1.8V
R1_1
C10
0.1uF
+
C20
10uF
OPEN
#1. Battery Power Circuit
2. R1_1, R1_2, R1_3, R1_4, R1_5 are suggested
VCC_1.8V
SCLK
C15
10pF
VCC_1.8V
ID_SY NC
PD
U3
PAW3603DH
13
14
17
15
20
1
4
12
10
7
6
18
19
5
2
3
11
8
9
16
XA
XB
SWKINT
CPI
PD
VSS_LD
OSCIN
YB
VREF
VSSA
VSSD
SCLK
SDIO
VDDD
LD
OSCOUT
YA
VDD
VDDA
NC
CPI1
OPEN / SHORT
OPEN
SCLK
SW1
SDIO
Note:
R8
10K
R1_3
C11
0.1uF
SWINT
C16 100pF
L_KEY
1. U4 are suggested to use +/- 2.5% high
VCC_1.8V
RF_DATA
CPI2
accuracy DC/DC converter
Z1
#2.MCU Circuit
R_KEY
C7
1uF
X3
27MHz
OPEN
C9
1uF
PD
VCC_1.8V
M_KEY
0R
ENSW1
ENCODER
Z2
Z1
COM
C13
100pF
R4
27K
CORP
CPI1
SW2
Q1
3904
PAW3603 USED
1.8V POWER
C18
15 pF
RF_EN
VCC_1.8V
*R15
SHORT
C8
0.1uF
R9
2K
Resolution
RF_DATA
C23
1uF
C24
1uF
R2
20K
Q3
3904
R7
100K
OPEN
VCC_1.8V
Z1
C19
15 pF
C14
27pF
1200 CPI
SWINT
C26
47uF
R1_2
CPI2
SHORT / OPEN
C4
15pF
VCC_1.8V
R1_5
0R
C12
100pF
R_KEY
*R13, *R14, *R15 => 0R
C21
0.1uF
U2
8bits MCU
1
2
3
4
5
6
7
8
9
10
18
17
16
15
14
13
12
11
P52
P53
TCC
RESET
VSS
P60/INT
P61
P62
P63
P64
P51
P50
OSCI
OSCO
VDD
P67
P66
P65
VCC_1.8V
ID_SYNC
*R13
SHORT
S1
C25
0.1uF
C6
0.1uF
R1_4
C17
33pF
X2
13.5225MHz
C3
15pF
800 CPI
U4
ELM9318
VOUT
SW
Figure 18. Application Circuit for 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com