Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D6F-Cable2 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D6F-Cable2
Description  MEMS Mass Flow Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D6F-Cable2 Datasheet(HTML) 2 Page - Omron Electronics LLC

  D6F-Cable2 Datasheet HTML 1Page - Omron Electronics LLC D6F-Cable2 Datasheet HTML 2Page - Omron Electronics LLC D6F-Cable2 Datasheet HTML 3Page - Omron Electronics LLC D6F-Cable2 Datasheet HTML 4Page - Omron Electronics LLC D6F-Cable2 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
MEMS Mass Flow Sensor
D6F-03A3-000
■ Electrical Performance
Recommended operation condition and DC characteristic
■ Basic Performance
0 to 3L/min. (Normal) volumetric flow rate at 0
° C, 101.3kPa.
Measurement condition: Power-supply voltage 12 ±0.1VDC, ambient temperature 25 ±5
° C and ambient air humidity 25 to 75% RH.
D6F-03A3-000
■ Characteristics
■ Precautions
1. Avoid use in excessively dirty, wet environments
2. Do not use in the presence of flammable gases (e.g. hydrogen,
methane, ethane) and liquefied petroleum gas. In addition, do not
use with corrosive gases (e.g. chlorine, sulphur, acids, alkalis,
etc.).
3. Install in the direction of the arrow indicated.
4. For best results (optimum accuracy), mount horizontally.
5. Use four suitable M3 screws for mounting. Do not exceed a fixing
torque of 0.59 Nm.
6. Do not modify D6F- in any way.
7. Do not place any object in or close to the inlet and outlet orifices.
8. Do not use the sensor in any of the following environments:
• a location that receives radiant heat from the sun or apparatus
• a place where intense light may radiate down
• where fast changing temperatures occur
• locations prone to freezing, high humidity, condensation
• places where large magnitudes of vibration or shock could occur
9. Noise countermeasures: VERY IMPORTANT: Take suitable pre-
cautions to minimize the effects and potential for induced electri-
cal noise. Install away from apparatus that generates strong high
frequencies, surges and spikes. Take particular care to install
away from AC power transformers, live mains power lines and
high power magnetic circuits. Attach a surge suppressor and a
noise filter to the peripheral equipment.
10.Ensure good grounding is achieved by grounding the GND termi-
nal to the peripheral equipment’s main ground frame connection
and its associated regulated power supply.
11.Do not make a direct solder connection to the integral terminals. It
is recommended you use the optional cable ‘D6F-CABLE2’ for
attachment and to ensure correct connection.
12.D6F- is a precision component. Keep in original packaging and
remove only when ready for installation. Damage may occur if
subjected to excessive force (e.g. dropped or kicked). Any item
suspected to be damaged should be discarded.
13.Immediately following installation, a qualified person should per-
form checks to ensure safe, satisfactory operation.
Item
Term
Condition
MIN
TYP
MAX
Unit
Power-supply voltage
V
CC
—
10.8—
26.4VDC
Operating temperature
T
OPR
—0
—
50
° C
Maximum output voltage
V
OH
Load resistance 10k
Ω
5—
5.7
VDC
Minimum output voltage
V
OL
Load resistance 10k
Ω
0—
1VDC
Flow Rate L/min (normal)
0
0.6
1.2
1.8
2.4
3.0
Output Voltage (VDC)
1.00 ±0.2
2.83 ±0.2
3.77 ±0.2
4.34 ±0.2
4.72 ±0.2
5.00 ±0.2
Degree of Protection
IP40
Applicable Gas
Air
Electrical Connection
Connector (3 wire)
Output Signal
Analog, 1-5VDC (load resistance 10k
Ω min)
Current Consumption
Max 15mA (no load, V
CC = 12 to 24VDC, VSS = GND = 0V, 25° C)
Repeat Accuracy
±5% FSD max, 25
° C
Insulation Resistance
20Mohm min. (500VDC between lead terminals and case)
Dielectric Strength
500VAC, 50/60Hz for 1 minute (leakage current typ. <1mA) between lead terminals and case
Withstand Pressure
200 kPa
Operating Temperature
0 to 50
° C (with no ice or dew condensation)
Operating Humidity
85%RH max. (with no ice or dew condensation)
Storage Temperature
-10 to 60
° C (with no ice or dew condensation)
Storage Humidity
85%RH max. (with no ice or dew condensation)
Weight
5.27g



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com