Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7E Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D7E
Description  Sealed Tilt Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D7E Datasheet(HTML) 1 Page - Omron Electronics LLC

  D7E Datasheet HTML 1Page - Omron Electronics LLC D7E Datasheet HTML 2Page - Omron Electronics LLC D7E Datasheet HTML 3Page - Omron Electronics LLC D7E Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Sealed Tilt Switch
D7E
1
Sealed Tilt Switch
D7E
• Pure mechanical vibration detector
• Sealed enclosure
• Output capacity from 0.1 A at 5 VDC to 100 mA at 30 VDC
• RoHS Compliant
Ordering Information
Characteristics
Operating Angle
Model
50 to 80 degrees
D7E-3
Operating angle
Tilt of 50 to 80 degrees, when the switch is tilted gradually (approx. 1 degree/s) from the horizontal
Returning angle
Tilt of more than 25 degrees, when the switch is tilted gradually (approx. 1 degree/s) from the horizontal
Permissible mounting level
1 degree max. from the horizontal
Contact form
Single pole single throw (NC contact / slow action)
Mounting
Pitch: 30 mm 2 screws (M3)
Height: 5.3 mm
Soldering
Soldering iron: temperature 350 ±10°, 3 sec. max
Ratings
5 VDC, 0.1 mA to 30 VDC, 100 mA (resistive load)
Insulation resistance
100 M
Ω min. (250 VDC, between each terminal of the same polarity)
To measure off condition
Contact resistance
300 m Ohm max. (Initial value)
Vibration during
transportation
Condition: Vibration: 200 gal (1 cycle: 0.5 sec.)
Vibration direction: 2 axial directions
Time: Total 50 hours
Shock
Condition: Acceleration: 980 m/s2 3 times
Shock direction: 3 axial directions
Operating temperature and
humidity
Temperature: -25° to +60° (with no icing and condensation)
Humidity: 45 to 95% RH
Storage temperature and
humidity
Temperature: -25° to +60° (with no icing and condensation)
Humidity: 45 to 95% RH protection
Protection
IP67


Similar Part No. - D7E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D7E OMRON-D7E Datasheet
446Kb / 2P
Sealed Vibration Sensors and Tilt Sensor
D7E-1 OMRON-D7E-1 Datasheet
173Kb / 6P
Specifications of Vibration Detection Switch
D7E-1 OMRON-D7E-1 Datasheet
173Kb / 6P
specifications of vibration detection switch
D7E-1 OMRON-D7E-1 Datasheet
446Kb / 2P
Sealed Vibration Sensors and Tilt Sensor
D7E-2 OMRON-D7E-2 Datasheet
171Kb / 6P
Specifications of Vibration Detection Switch
More results

Similar Description - D7E

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
4859 AEC-4859 Datasheet
186Kb / 1P
Tilt Switch - Mercury
4929 AEC-4929 Datasheet
182Kb / 1P
Tilt Switch - Mercury
20144 AEC-20144 Datasheet
157Kb / 1P
Tilt Switch - Mercury
A-001 AEC-A-001 Datasheet
174Kb / 1P
Tilt Switch - Mercury
A1-003 AEC-A1-003 Datasheet
89Kb / 1P
Tilt Switch / Mercury
A1-009 AEC-A1-009 Datasheet
233Kb / 1P
Tilt Switch - Mercury
A1S-017 AEC-A1S-017 Datasheet
178Kb / 1P
Tilt Switch - Mercury
DS-120 AEC-DS-120 Datasheet
161Kb / 2P
tilt sensor / tilt switch
T08-20201 AEC-T08-20201 Datasheet
172Kb / 1P
Tilt Switch - Mercury
T08-20808 AEC-T08-20808 Datasheet
176Kb / 1P
Tilt Switch - Mercury
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com