Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G8JR-1A7T-R-DC12 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G8JR-1A7T-R-DC12
Description  Power Mini ISO Automotive Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8JR-1A7T-R-DC12 Datasheet(HTML) 1 Page - Omron Electronics LLC

  G8JR-1A7T-R-DC12 Datasheet HTML 1Page - Omron Electronics LLC G8JR-1A7T-R-DC12 Datasheet HTML 2Page - Omron Electronics LLC G8JR-1A7T-R-DC12 Datasheet HTML 3Page - Omron Electronics LLC G8JR-1A7T-R-DC12 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Power Mini ISO Automotive Relay
G8JR
1
Power Mini ISO Automotive Relay
G8JR
• SPST contacts
• Plug-in
• Fully automated assembly
• L x W x H = 28 x 28 x 25.5 mm nominal
• ISO footprint and terminals
• Terminals: Load 9.5 X 1.2 mm, and Coil 6.3 x 0.8 mm
• Made in Canada
Available Types
Contact Data
Coil Ratings (at 20°C)
Typical Applications
• Engine cooling fan
• Air pump
• Glow plug
• Resistive load
Description
Model
Standard type SPST PI with resistor
PI = Plug-in
G8JR-1A7T-R-DC12
* Other special models also available
Typical switching current
Inrush 150 A, Steady 50 A
Max switching voltage
16 V
Carry / switching current
1 A
Contact material
Silver tin oxide (cadmium free)
Type
Rated voltage
Coil resistance
±15%
Coil resistance
w/ 680
Ω
suppression
±15%
Nominal power
consumption
Pull in voltage
Dropout
voltage
G8JR-1A7T-R-DC12
12 VDC
71
Ω
64.5
Ω
2.03 W
< 8.0 V
> 1.0 V


Similar Part No. - G8JR-1A7T-R-DC12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G8JR ETC-G8JR Datasheet
36Kb / 2P
Automotive High Current Relay
More results

Similar Description - G8JR-1A7T-R-DC12

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ979 AZETTLER-AZ979 Datasheet
148Kb / 3P
80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ980 AZETTLER-AZ980 Datasheet
108Kb / 2P
80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ983 AZETTLER-AZ983 Datasheet
88Kb / 2P
80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9731 AZETTLER-AZ9731 Datasheet
205Kb / 4P
40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9831 AZETTLER-AZ9831 Datasheet
81Kb / 2P
70 AMP MINI-ISO AUTOMOTIVE RELAY
logo
Tyco Electronics
V23134 MACOM-V23134_12 Datasheet
738Kb / 4P
Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
logo
Panasonic Semiconductor
CB1-R-SM-12V PANASONIC-CB1-R-SM-12V Datasheet
185Kb / 9P
MINI-ISO AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com