Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJN2CF Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # MJN2CF
Description  General Purpose Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MJN2CF Datasheet(HTML) 3 Page - Omron Electronics LLC

  MJN2CF Datasheet HTML 1Page - Omron Electronics LLC MJN2CF Datasheet HTML 2Page - Omron Electronics LLC MJN2CF Datasheet HTML 3Page - Omron Electronics LLC MJN2CF Datasheet HTML 4Page - Omron Electronics LLC MJN2CF Datasheet HTML 5Page - Omron Electronics LLC MJN2CF Datasheet HTML 6Page - Omron Electronics LLC MJN2CF Datasheet HTML 7Page - Omron Electronics LLC MJN2CF Datasheet HTML 8Page - Omron Electronics LLC MJN2CF Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
General Purpose Relay
MJN
319
Latching - DC
Note: 120% of nominal or greater (one second duration single pulse) unlatch voltage - - above this the relay latches again.
Maximum continuous voltage: 120% of nominal (one coil only).
■ Characteristics
Note: A latch pulse of 50 ms minimum at nominal voltage is recommended to insure positive latching.
Nominal
voltage
Latch coil
resistance in
Ohms
± 10%
Unlatch coil
resistance in
Ohms
± 10%
Nominal coil power
Coil
voltages
Insulation
resistance
Operate voltage
(latch/unlatch) at 25
°C (77°F)
(see note)
5 VDC
14
45
1.2 W
5 to 110 VDC 1,000 M
Ω
min. @ 500
VDC
75% of nominal
6 VDC
20
64
12 VDC
80
275
24 VDC
330
1,070
48 VDC
1,290
2,850
110 VDC
5,125
10,750
Operate time
15 ms nominal; 20 ms maximum
Release time
6 ms nominal; 10 ms maximum
Latch time
13 ms nominal with a one second pulse of nominal voltage (See note)
Unlatch time
13 ms nominal with a one second pulse of nominal unlatch voltage after latching with
a one second pulse of nominal latching voltage (See note)
Operating
ambient
temperature
AC: 1 & 2 pole
Operating
-45
° to 60°C (-49° to 140°F)
Storage
-65
° to 100°C (-85° to 212°F)
AC: 3 pole
Operating
-45
° to 45°C (-49° to 113°F)
Storage
-65
° to 100°C (-85° to 212°F)
DC: 1, 2 & 3
pole
Operating
-45
° to 70°C (-49° to 158°F)
Storage
-65
° to 100°C (-85° to 212°F)
Insulation material
High quality phenolic
Duty cycle
Rated for continuous duty operation at 25% overvoltage
Shock
15 g’s 11
±1 ms (non-operating test, no mechanical damage)
Vibration
0.1” DA or 10 g’s, 10 to 55 Hz (operating test, no contact chatter)
Life expectancy
Electrical at
rated load
100,000 operations
Mechanical
10,000,000 operations
Dielectric strength
Greater than 750 VAC, RMS 60 Hz across open contacts
Greater than 2,500 VAC, RMS 60 Hz all other mutually insulated elements
Terminals
Quick Connect
Weight
64 g (2.3 oz) open relay
54 g (3.0 oz) enclosed relay



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com