Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # SSG
Description  Subminiature Basic Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SSG Datasheet(HTML) 4 Page - Omron Electronics LLC

  SSG Datasheet HTML 1Page - Omron Electronics LLC SSG Datasheet HTML 2Page - Omron Electronics LLC SSG Datasheet HTML 3Page - Omron Electronics LLC SSG Datasheet HTML 4Page - Omron Electronics LLC SSG Datasheet HTML 5Page - Omron Electronics LLC SSG Datasheet HTML 6Page - Omron Electronics LLC SSG Datasheet HTML 7Page - Omron Electronics LLC SSG Datasheet HTML 8Page - Omron Electronics LLC SSG Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
112
Subminiature Basic Switch
SSG
Dimensions
■ Terminals
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
■ Dimensions and Operating Characteristics
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.25 mm applies to all dimensions
2. Every actual model number includes the code instead of
@ for the kind of terminals incorporated by the model.
3. The operating characteristics are for operation in the A direction(
)
Solder/Quick-connect Terminal
Solder Terminals
Quick-connect Terminals (#110)
PCB Terminals
2.2
+0.1
0
1.8
7.5
±0.3
2.2
2.5 dia.
5.1
8.9
7.2
9.5
±0.1
0.5
6.9
7.7
3.5
3.2
6.4
±0.2
Three, 1.6-dia. holes
6.1
19.8
2.2
+0.1
0
dia. hole
CNO
NC
1.6
PT
OP
2.2
+0.1
0
1.8
7.5
±0.3
2.2
2.5 dia.
5.1
9.5
±0.1
0.5
19.8
6.9 7.7
3.5
3.2
6.4
±0.2
Three,
1.2-dia.
holes
2.8
±0.2
10.6
NO
NC
7.2
7.1
2.2
+0.1
0
dia. hole
8.9
1.6
C
PT
OP
C
1.3
±0.3
0.5
±0.05
6.4
±0.2
2.87
±0.1
4.8
±0.3
3.4
±0.1
2.5 dia.
5.15
7.62
±0.2
1.8
7.62
±0.2
3.5
4
±0.3
1.8
Three, 1.2
±0.1
Three, 0.8
7.7
NC
NO
2.2
+0.1
–0
19.8
6.9
2.2
+0.1
0
dia. hole
9.5
±0.1
PT
OP
Pin Plunger Models
SSG-01
SSG-5
SSG-01 -5
SSG-5 -5
2.2
+0.1
0
1.8
7.5
±0.3
2.2
2.5 dia.
5.1
8.9
7.2
9.5
±0.1
0.5
6.9
7.7
3.5
3.2
6.4
±0.2
Three, 1.6-dia. holes
6.1
19.8
2.2
+0.1
0
dia. hole
CNO
NC
1.6
PT
OP
A
Model
SSG-01
@
SSG-5
@
SSG-01
@-5
SSG-5
@-5
OF max.
153 gf
51 gf
RF min.
25 gf
4 gf
PT max.
0.6 mm
OT min.
0.4 mm
MD max.
0.1 mm
FP max.
- - -
OP
8.4
±0.3 mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com