Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJN2C Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # MJN2C
Description  General Purpose Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MJN2C Datasheet(HTML) 2 Page - Omron Electronics LLC

  MJN2C Datasheet HTML 1Page - Omron Electronics LLC MJN2C Datasheet HTML 2Page - Omron Electronics LLC MJN2C Datasheet HTML 3Page - Omron Electronics LLC MJN2C Datasheet HTML 4Page - Omron Electronics LLC MJN2C Datasheet HTML 5Page - Omron Electronics LLC MJN2C Datasheet HTML 6Page - Omron Electronics LLC MJN2C Datasheet HTML 7Page - Omron Electronics LLC MJN2C Datasheet HTML 8Page - Omron Electronics LLC MJN2C Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
318
General Purpose Relay
MJN
Specifications
■ Contact Data
■ Coil Data
Non-latching - AC
Non-latching - DC
Latching - AC
Note: 120% of nominal or greater (one second duration single pulse) unlatch voltage - - above this the relay latches again.
Maximum continuous voltage: 120% of nominal (one coil only).
Configuration
SPDT, DPDT, 3PDT
Initial contact resistance
50 m
Ω max.
Materials
3/16” diameter Ag-Alloy
Contact UL ratings
10 A
10 amp @ 28 VDC and 120/240 VAC at 80% pf, 1/3 hp @ 120 VAC, 1/2 hp @ 277/240/480/600 VAC
8.5 FLA - 36 LRA at 18 VDC, 3 amp @ 480/600 VAC at 80% pf, 10 amp @ 277 VAC resistive
20 A
20 amp @28 VDC and 120/240/277 VAC, 10 amp @ 480/600 VAC, 3.4 hp @ 120 VAC, 1-1/2 hp @
240 VAC, 17 FLA - 65 LRA at 300VAC
30 A
30 amp @ 28 VDC, 15 amp @ 480 / 600 VAC, 1hp @ 120 VAC, 1-1/2 hp @ 240 VAC
UL recognized file number
E41643
Nominal
voltage
Resistance in Ohms
± 10%
Nominal coil power
Coil
voltages
Insulation
resistance
Pick up voltage at
25
°C (77°F)
1 & 2 PDT
3PDT
1 & 2 PDT
3PDT
6 VAC
6.0
4.2
1.7 VA
2.0 VA
6 to 240 VAC
50/60 Hz
1,000 M
Ω
min. @ 500
VDC
85% of nominal
12 VAC
21
18
24 VAC
75
72
120 VAC
2,250
1,700
240 VAC
9,100
7,200
Nominal
voltage
Resistance in Ohms
± 10%
Nominal coil power
Coil
voltages
Insulation
resistance
Pick up voltage at
25
°C (77°F)
5 VDC
20
1.2 W
5 to 110 VDC 1,000 M
Ω
min. @ 500
VDC
75% of nominal
6 VDC
32
12 VDC
120
24 VDC
470
48 VDC
1,800
110 VDC
10,000
Nominal
voltage
Latch coil
resistance in
Ohms
± 10%
Unlatch coil
resistance in
Ohms
± 10%
Nominal coil power
Coil
voltages
Insulation
resistance
Operate voltage
(latch/unlatch) at 25
°C (77°F)
(see note)
6 VAC
5.5
105
1.7 VA
2.0 VA
6 to 240 VAC
50/60 Hz
1,000 M
Ω
min. @ 500
VDC
85% of nominal
12 VAC
22
445
24 VAC
88
1,740
120 VAC
2,090
17,430



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com