Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG-01L3H Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # SSG-01L3H
Description  Subminiature Basic Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SSG-01L3H Datasheet(HTML) 2 Page - Omron Electronics LLC

  SSG-01L3H Datasheet HTML 1Page - Omron Electronics LLC SSG-01L3H Datasheet HTML 2Page - Omron Electronics LLC SSG-01L3H Datasheet HTML 3Page - Omron Electronics LLC SSG-01L3H Datasheet HTML 4Page - Omron Electronics LLC SSG-01L3H Datasheet HTML 5Page - Omron Electronics LLC SSG-01L3H Datasheet HTML 6Page - Omron Electronics LLC SSG-01L3H Datasheet HTML 7Page - Omron Electronics LLC SSG-01L3H Datasheet HTML 8Page - Omron Electronics LLC SSG-01L3H Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
110
Subminiature Basic Switch
SSG
Specifications
■ Characteristics
Note: 1. Data shown are of initial value.
2. The dielectric strength values shown is measured using a separator between the switch and metal mounting plate.
3. For pin plunger models, the above values apply for use at the free position and total travel position. For the lever models, the values apply
at the total travel position with contact separation = 10
μs max.
■ Ratings
General Ratings
Note: 1. The values in the parentheses are for the SSG-01.
2. The above current ratings are the values of the steady-state current.
3. Inductive load has a power factor of 0.7 min. (AC) and a time constant of 7 ms max. (DC).
4. Lamp load has an inrush current of 10 times the steady-state current.
5. Motor load has an inrush current of 6 times the steady-state current.
6. If the Switch is used in a DC circuit and is subjected to a surge current, connect a surge suppressor across the switch.
7. The electrical rating applies under the following test conditions:
Ambient Temperature = 20
±2°C, Ambient Humidity = 65±5%, Operating frequency = 30 operations/minute
Operating speed
0.1 mm to 1 m/second (pin plunger models)
Operating frequency
Mechanical: 400 operations per minute max.
Electrical: 30 operations per minute max.
Insulation resistance
100 M
Ω
Contact resistance
153 gf:
SSG-5 models
:
30 m
Ω max.
SSG-01 models:
50 m
Ω max.
51 gf:
SSG-5 models:
50 m
Ω max.
SSG-01 models
100 m
Ω max.
Dielectric strength (See note 2)
1,000 VAC (600 VAC for SSG-01H and SSG-01T), 50/60 Hz for 1 minute between contacts of same polarity
1,500 VAC, 50/60 Hz for 1 minute between each terminal and ground and between each terminal and
non-current-carrying metal parts
Vibration resistance (see note 3)
Malfunction: 10 to 2,000 Hz, 196 m/s2 (Approx. 20G)
Shock resistance (see note 3)
Malfunction: 490 m/s2 (approx. 50G) max.
Degree of protection
IEC IP40
Degree of protection against
electric shock
Class I
Proof tracking index (PTI)
175
Ambient operating temperature
-25
° to 125°C (at 60% RH max.) with no icing
Ambient operating humidity
85% max. (for 5
°C to 35°C)
Service life
Mechanical: 10 million operations min. at 60 operations per minute
Electrical: 200,000 operations min. at 30 operations per minute
Weight
Approx. 1.6 g pin plunger type
Resistive load
Lamp load
Inductive load
Motor load
Rated
voltage
NC
NO
NC
NO
NC
NO
NC
NO
125 VAC
5 A (0.1 A)
1.5 A
0.7 A
3 A
2.5 A
1.3 A
250 VAC
3 A
1 A
0.5 A
2 A
1.5 A
0.8 A
8 VDC
5 A
2 A
5 A
3 A
14 VDC
5 A
2 A
4 A
3 A
30 VDC
4 A(0.1 A)
2 A
3 A
3 A
125 VDC
0.4 A
0.05 A
0.4 A
0.05 A
250 VDC
0.2 A
0.03 A
0.2 A
0.05 A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com