Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC764LP6CE Datasheet(PDF) 13 Page - Hittite Microwave Corporation

Part # HMC764LP6CE
Description  FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.3 - 8.2 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC764LP6CE Datasheet(HTML) 13 Page - Hittite Microwave Corporation

Back Button HMC764LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC764LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC764LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC764LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation HMC764LP6CE Datasheet HTML 10Page - Hittite Microwave Corporation HMC764LP6CE Datasheet HTML 11Page - Hittite Microwave Corporation HMC764LP6CE Datasheet HTML 12Page - Hittite Microwave Corporation HMC764LP6CE Datasheet HTML 13Page - Hittite Microwave Corporation HMC764LP6CE Datasheet HTML 14Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
6
6 - 14
HMC764LP6CE
v02.0110
FRACTIONAL-N SYNTHESIZER WITH
INTEGRATED VCO, 7.3 - 8.2 GHz
Evaluation PCB
The circuit board used in the application should use RF circuit design techniques. Signal lines should have
50 Ohm impedance while the package ground leads and exposed paddle should be connected directly
to the ground plane similar to that shown. A sufficient number of via holes should be used to connect the
top and bottom ground planes. The evaluation circuit board shown is available from Hittite upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com