Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC765LP6CE Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC765LP6CE
Description  FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.8 - 8.8 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC765LP6CE Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC765LP6CE_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC765LP6CE_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC765LP6CE_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC765LP6CE_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC765LP6CE_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC765LP6CE_10 Datasheet HTML 6Page - Hittite Microwave Corporation HMC765LP6CE_10 Datasheet HTML 7Page - Hittite Microwave Corporation HMC765LP6CE_10 Datasheet HTML 8Page - Hittite Microwave Corporation HMC765LP6CE_10 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
6
6 - 17
General Description
The HMC765LP6CE is a fully functioned Fractional-N Phase-Locked-Loop (PLL) Frequency Synthesizer with an
Integrated Voltage Controlled Oscillator (VCO). The input reference frequency range is 100 kHz to 220 MHz while the
advanced delta-sigma modulator design in the fractional synthesizer allows both ultra-fine step sizes and very low
spurious products. The highly integrated structure provides excellent phase noise performance over temperature,
shock and process. The HMC765LP6CE is packaged in a leadless QFN 6x6 mm surface mount package. The output
power is 13 dBm typical, making the HMC765LP6CE ideal for driving the LO port of many of Hittite’s Hi Linearity and
I/Q mixer products.
For theory of operation and register map refer to the “PLLs w/ Integrated VCO - Microwave VCOs” Operating Guide.
To view the Operating Guide, please visit www.hittite.com and choose HMC765LP6CE from the “Search by Part
Number” pull down menu.
HMC765LP6CE
v02.0110
FRACTIONAL-N SYNTHESIZER WITH
INTEGRATED VCO, 7.8 - 8.8 GHz
Parameter
Condition
Min.
Typ.
Max.
Units
RF Output Characteristics
VCO Output Frequency Range
7.8
8.3
8.8
GHz
VCO Output Power
10
15
dBm
VCO Tuning Voltage
213
V
VCO Tuning Sensitivity
V
TUNE
= +5V
150
MHz/V
Frequency Pulling (into a 2:1 VSWR)
5MHz pp
Frequency Pushing
V
TUNE
= +5V
10
MHz/V
Frequency Drift Rate
0.9
MHz/ °C
Sub Harmonic (1/2)
35
dBc
Harmonic (2nd)
10
dBc
Harmonic (3rd)
32
dBc
VCO SSB Phase Noise @ 100 kHz Offset (Open Loop)
V
TUNE
= +5V
Fvco = 8.3 GHz
-115
dBc/Hz
Synthesizer In-Band
SSB Phase Noise @ 10 kHz Offset (Frac/Int)
Fref = 50 MHz Fvco = 8.3 GHz
Loop BW = 100 kHz
-97 / -101
dBc/Hz
Synthesizer Normalized In-Band
SSB Phase Noise Floor (Frac/Int)
-221 / -226
dBc/Hz
Synthesizer Fractional Spurs [1]
-65
dBc
Synthesizer Frequency Settling Time (100 MHz Step)
From 8.3 GHz to 8.4 GHz
Loop BW = 100 kHz
110
us
16-Bit Divider Range (Int)
N Divider Ratio 2
16+31
32
65567
16-Bit Divider Range (Frac)
N Divider Ratio 2
16-1
36
65535
REF Input Characteristics
Max Ref Input Frequency (3.3V)
200
225
MHz
Min Ref Input Frequency
100
200
kHz
Ref Input Sensitivity
AC Coupled
500
700
mV
pp
Max Ref Input
DC Coupled
0
VDDIO
V
Ref Input Capacitance
5
pF
14-Bit Ref Divider Range
16383
1
Electrical Specifications, T
A = +25° C; VCCVCO, VDDCP, VCCCP = +5V; AVCC, VCCPS
VDDPFD, AVDD, RVDD, DVDD, DVDDM, DVDDQ, VDDIO = +3.3V; AGND = DGND = 0V
[1] Actual spur level is dependent on loop parameters and will increase at division ratios closest to integer boundaries. Number listed is average
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com