Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SX3133 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-SX3133
Description  Photo IC Output Photomicrosensor (Transmissive)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX3133 Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-SX3133 Datasheet HTML 1Page - Omron Electronics LLC EE-SX3133 Datasheet HTML 2Page - Omron Electronics LLC EE-SX3133 Datasheet HTML 3Page - Omron Electronics LLC EE-SX3133 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Photo IC Output Photomicrosensor (Transmissive)
EE-SX3133
239
I Engineering Data
Input
Output
Note: 1.Hysteresis denotes the difference in forward LED
current value, expressed in percentage.
2. The following illustrations show the definition of response
delay time.
tPLH
tPHL
t
t
0
0
Forward Current vs. Collector
Dissipation Temperature Rating
Forward Current vs. Forward
Voltage Characteristics (Typical)
(Typical)
Low-level Output Voltage vs.
Output Current (Typical)
Current Consumption vs. Supply
Voltage (Typical)
Response Delay Time vs. Forward
Current (Typical)
Repeat Sensing Position
Characteristics (Typical)
Distance d (mm)
Supply voltage VCC (V)
Supply voltage VCC (V)
Forward current IF (mA)
Ambient temperature Ta (
°C)
Forward voltage VF (V)
Ambient temperature Ta (
°C)
Output current IC (mA)
Ambient temperature Ta (
°C)
LED Current vs. Supply Voltage
60
50
40
30
20
10
0
−40
−20
0
20
40
60
80
100
300
250
200
150
100
50
0
60
50
40
30
20
10
0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Ta =
−30°C
Ta = 25
°C
Ta = 70
°C
7
6
5
4
3
2
1
0
0
2
4
6
8
10121416
IFT OFF
IFT ON
VCC
OUT
GND
IF
ICC
VOUT
RL
Ta = 25
°C
RL = 1 k
Ω
7
6
5
4
3
2
1
0
−60
IFT OFF
IFT ON
−40
−20
0
20
40
60
80
VCC
OUT
GND
IF
ICC
VOUT
RL
VCC = 5 V
RL = 330
Ω
1
1
10
100
0.1
0.01
0.001
VCC
OUT
GND
IOUT
IF = 0 mA (15 mA)
VCC = 5 V
Ta = 25
°C
0.2
0.18
0.16
0.14
0.12
0.1
0.08
0.06
0.04
0.02
0
−50 −40 −30 −20 −10 0 1020304050607080
VCC
OUT
GND
IF
ICC
VOUT
RL
VCC = 5 V
IF = 0 mA
IOL = 16 mA
IOL = 5 mA
4
3.5
3
2.5
2
1.5
1
0.5
0
0
2468
10
12
14
16
VCC
OUT
GND
IF
ICC
VOUT
RL
40
35
30
25
20
15
10
5
0
040
20
5
1015
253035
tPHL
tPLH
t
t
tPLH
tPHL
IF
VCC
OUT
GND
IF
ICC
VOUT
RL
ON
−0.4
OFF
−0.3 −0.2 −0.1 0
0.1
0.2
0.3
0.4
0.5
0.6
VCC
OUT
GND
IF
ICC
VOUT
RL
d
Ta = 25
°C
IF = 0 mA
VCC = 5 V
RL = 330
Ω
VOUT
(EE-SX3
@@)
d1 = 0.01 mm
Ta = 25
°C
IF = 15 mA
VCC = 5 V
RL = 330
Ω
n = repeat 20 times
Low-level Output Voltage vs. Am-
bient Temperature Characteristics
(Typical)
LED Current vs. Ambient Temper-
ature Characteristics (Typical)
Ta = 25
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com