Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3M-203PL Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3M-203PL
Description  Solid State Relays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3M-203PL Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3M-203PL Datasheet HTML 1Page - Omron Electronics LLC G3M-203PL Datasheet HTML 2Page - Omron Electronics LLC G3M-203PL Datasheet HTML 3Page - Omron Electronics LLC G3M-203PL Datasheet HTML 4Page - Omron Electronics LLC G3M-203PL Datasheet HTML 5Page - Omron Electronics LLC G3M-203PL Datasheet HTML 6Page - Omron Electronics LLC G3M-203PL Datasheet HTML 7Page - Omron Electronics LLC G3M-203PL Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
416
Solid State Relays
G3M
Ordering information continued
Note: 1. All models have UL and CSA approvals.
2. TÜV Marking is available with “-UTU” in place of “-US” on the part number
3. G3M-205P(L)-VD is approved by UL, CSA and VDE
Specifications
■ Ratings (at an Ambient Temperature of 25°C)
Input
Note: Each model has 5-VDC, 12-VDC, and 24-VDC input versions.
Output
Isolation
Input terminal
pitch
Zero cross
function
Indicator
Rated output load
(Applicable output load)
Rated input voltage
Model
Phototriac 5.08 mm
Yes
No
2 A at 100 to 240 VAC
(2 A at 75 to 264 VAC)
5 VDC
G3M-202P-US-4
12 VDC
24 VDC
3 A at 100 to 240 VAC
(3 A at 75 to 264 VAC)
5 VDC
G3M-203P-4
12 VDC
24 VDC
5 A at 100 to 240 VAC
(5 A at 75 to 264 VAC)
5 VDC
G3M-205P-4
12 VDC
24 VDC
No
2 A at 100 to 120 VAC
(2 A at 75 to 132 VAC)
5 VDC
G3M-102PL-US-4
12 VDC
24 VDC
2 A at 100 to 240 VAC
(2 A at 75 to 264 VAC)
5 VDC
G3M-202PL-US-4
12 VDC
24 VDC
3 A at 100 to 240 VAC
(3 A at 75 to 264 VAC)
5 VDC
G3M-203PL-4
12 VDC
24 VDC
5 A at 100 to 240 VAC
(5 A at 75 to 264 VAC)
5 VDC
G3M-205PL-4
12 VDC
24 VDC
Rated voltage
Operating voltage
Impedance
Voltage levels
Must operate voltage
Must release voltage
5 VDC
4 to 6 VDC
300
Ω ±20%
4 VDC max.
1 VDC min.
12 VDC
9.6 to 14.4 VDC
800
Ω ±20%
9.6 VDC max.
24 VDC
19.2 to 28.8 VDC
1.6 k
Ω ±20%
19.2 VDC max.
Model
Rated voltage
Applicable load
Load voltage range
Load current
Inrush current
G3M-102PL-US(-4)
100 to 120 VAC
75 to 132 VAC
0.1 to 2 A
30 A (60 Hz, 1 cycle)
G3M-202P(L)-US(-4)
100 to 240 VAC
75 to 264 VAC
G3M-203P(L)(-4)
0.1 to 3 A
45 A (60 Hz, 1 cycle)
G3M-205P(L)(-4)
0.1 to 5 A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com