Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5MS5132DFR Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # H5MS5132DFR
Description  Mobile DDR SDRAM 512Mbit (16M x 32bit)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5MS5132DFR Datasheet(HTML) 3 Page - Hynix Semiconductor

  H5MS5132DFR Datasheet HTML 1Page - Hynix Semiconductor H5MS5132DFR Datasheet HTML 2Page - Hynix Semiconductor H5MS5132DFR Datasheet HTML 3Page - Hynix Semiconductor H5MS5132DFR Datasheet HTML 4Page - Hynix Semiconductor H5MS5132DFR Datasheet HTML 5Page - Hynix Semiconductor H5MS5132DFR Datasheet HTML 6Page - Hynix Semiconductor H5MS5132DFR Datasheet HTML 7Page - Hynix Semiconductor H5MS5132DFR Datasheet HTML 8Page - Hynix Semiconductor H5MS5132DFR Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
Rev 1.2 / Jul. 2008
3
11
Mobile DDR SDRAM 512Mbit (16M x 32bit)
H5MS5122DFR Series / H5MS5132DFR Series
FEATURES SUMMARY
● Mobile DDR SDRAM
- Double data rate architecture: two data transfer per
clock cycle
● Mobile DDR SDRAM INTERFACE
- x32 bus width
- Multiplexed Address (Row address and Column ad-
dress)
● SUPPLY VOLTAGE
- 1.8V device: VDD and VDDQ = 1.7V to 1.95V
● MEMORY CELL ARRAY
- 512Mbit (x32 device) = 4M x 4Bank x 32 I/O
● DATA STROBE
- x32 device: DQS0 ~ DQS3
- Bidirectional, data strobe (DQS) is transmitted and re-
ceived with data, to be used in capturing data at the
receiver
- Data and data mask referenced to both edges of DQS
● LOW POWER FEATURES
- PASR (Partial Array Self Refresh)
- AUTO TCSR (Temperature Compensated Self Refresh)
- DS (Drive Strength)
- DPD (Deep Power Down): DPD is an optional feature,
so please contact Hynix office for the DPD feature
● INPUT CLOCK
- Differential clock inputs (CK, CK)
● Data MASK
- DM0 ~ DM3: Input mask signals for write data
- DM masks write data-in at the both rising and
falling edges of the data strobe
● MODE RERISTER SET, EXTENDED MODE REGIS-
TER SET and STATUS REGISTER READ
- Keep to the JEDEC Standard regulation
(Low Power DDR SDRAM)
● CAS LATENCY
- Programmable CAS latency 2 or 3 supported
● BURST LENGTH
- Programmable burst length 2 / 4 / 8 with both sequen-
tial and interleave mode
● AUTO PRECHARGE
- Option for each burst access
● AUTO REFRESH AND SELF REFRESH MODE
● CLOCK STOP MODE
- Clock stop mode is a feature supported by Mobile DDR
SDRAM.
- Keep to the JEDEC Standard regulation
● INITIALIZING THE MOBILE DDR SDRAM
- Occurring at device power up or interruption of device
power
● PACKAGE
- 90 Ball, 0.8mm pitch FBGA, 8x13[mm2], t=1.0mm max,
Lead & Halogen Free
● Operating Temperature
- Mobile Temp.: -30
oC ~ 85oC
● ADDRESS TABLE
Part Number
Page Size
Row
Address
Column
Address
H5MS5122DFR
2KByte
A0 ~ A12
A0 ~ A8
H5MS5132DFR
1KByte
A0 ~ A13
A0 ~ A7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com